Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB06N03I3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTB06N03I3
Description  N-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB06N03I3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTB06N03I3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB06N03I3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB06N03I3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB06N03I3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB06N03I3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB06N03I3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB06N03I3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C441I3
Issued Date : 2012.02.13
Revised Date :
Page No. : 4/9
MTB06N03I3
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
100
1000
10000
0.1
1
10
100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.8
1
1.2
1.4
1.6
1.8
2
-60
-20
20
60
100
140
Tj, Junction Temperature(°C)
ID=250μA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
ID, Drain Current(A)
VDS=10V
Pulsed
Ta=25°C
Gate Charge Characteristics
0
2
4
6
8
10
0
10
2030
4050
60
Total Gate Charge---Qg(nC)
VDS=15V
ID=30A
Maximum Safe Operating Area
0.1
1
10
100
1000
0.01
0.1
1
10
100
VDS, Drain-Source Voltage(V)
DC
10ms
100ms
1ms
100μs
10μs
RDS(ON) Limit
Maximum Drain Current vs Case Temperature
0
10
20
30
40
50
60
70
80
90
25
50
75
100
125
150
175
TC, Case Temperature(°C)


Similar Part No. - MTB06N03I3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB06N03E3 CYSTEKEC-MTB06N03E3 Datasheet
288Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
MTB06N03H8 CYSTEKEC-MTB06N03H8 Datasheet
266Kb / 6P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB06N03J3 CYSTEKEC-MTB06N03J3 Datasheet
304Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
MTB06N03Q8 CYSTEKEC-MTB06N03Q8 Datasheet
259Kb / 6P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB06N03Q8 CYSTEKEC-MTB06N03Q8 Datasheet
378Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Similar Description - MTB06N03I3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com