Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB-EP53A7LQI Datasheet(PDF) 3 Page - Altera Corporation

Part # EVB-EP53A7LQI
Description  1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EVB-EP53A7LQI Datasheet(HTML) 3 Page - Altera Corporation

  EVB-EP53A7LQI Datasheet HTML 1Page - Altera Corporation EVB-EP53A7LQI Datasheet HTML 2Page - Altera Corporation EVB-EP53A7LQI Datasheet HTML 3Page - Altera Corporation EVB-EP53A7LQI Datasheet HTML 4Page - Altera Corporation EVB-EP53A7LQI Datasheet HTML 5Page - Altera Corporation EVB-EP53A7LQI Datasheet HTML 6Page - Altera Corporation EVB-EP53A7LQI Datasheet HTML 7Page - Altera Corporation EVB-EP53A7LQI Datasheet HTML 8Page - Altera Corporation EVB-EP53A7LQI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
EP53A7LQI/EP53A7HQI
PIN
NAME
FUNCTION
9, 10,
11
VS2, VS1,
VS0
Output voltage select. VS2 = pin 9, VS1 = pin 10, VS0 = pin 11.
EP53A7LQI: Selects one of seven preset output voltages or an external resistor divider.
EP53A7HQI: Selects one of eight preset output voltages.
(Refer to section on output voltage select for more details.)
12
ENABLE
Output Enable. Enable = logic high; Disable = logic low
13
AVIN
Input power supply for the controller circuitry. Connect to PVIN through a 100 Ohm resistor.
14
PVIN
Input Voltage for the MOSFET switches.
Absolute Maximum Ratings
CAUTION: Absolute Maximum ratings are stress ratings only.
Functional operation beyond the
recommended operating conditions is not implied. Stress beyond the absolute maximum ratings may
cause permanent damage to the device.
Exposure to absolute maximum rated conditions for
extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Supply Voltage
VIN
-0.3
6.0
V
Voltages on: ENABLE, VSENSE, VSO – VS2
-0.3
VIN+ 0.3
V
Voltages on: VFB (EP53A7LQI)
-0.3
2.7
V
Maximum Operating Junction Temperature
TJ-ABS
150
°C
Storage Temperature Range
TSTG
-65
150
°C
Reflow Temp, 10 Sec, MSL3 JEDEC J-STD-020C
260
°C
ESD Rating (based on Human Body Mode)
2000
V
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Voltage Range
VIN
2.4
5.5
V
Operating Ambient Temperature
TA
- 40
+85
°C
Operating Junction Temperature
TJ
- 40
+125
°C
Thermal Characteristics
PARAMETER
SYMBOL
TYP
UNITS
Thermal Resistance: Junction to Ambient –0 LFM (Note 1)
θ
JA
80
°C/W
Thermal Overload Trip Point
TJ-TP
+155
°C
Thermal Overload Trip Point Hysteresis
25
°C
Note 1: Based on a four layer copper board and proper thermal design per JEDEC EIJ/JESD51 standards
3
www.altera.com/enpirion
01543
October 11, 2013
Rev D


Similar Part No. - EVB-EP53A7LQI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EVB-EP53A7LQI ALTERA-EVB-EP53A7LQI Datasheet
998Kb / 19P
   1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
More results

Similar Description - EVB-EP53A7LQI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP53A7HQI ALTERA-EP53A7HQI Datasheet
998Kb / 19P
   1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
logo
ACE Technology Co., LTD...
ACE757P ACE-ACE757P Datasheet
221Kb / 3P
   1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
logo
Altera Corporation
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ALTERA-EP53A8LQI Datasheet
831Kb / 14P
   1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
   800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
logo
Enpirion, Inc.
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com