Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP53A8HQI Datasheet(PDF) 2 Page - Altera Corporation

Part # EP53A8HQI
Description  1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP53A8HQI Datasheet(HTML) 2 Page - Altera Corporation

  EP53A8HQI Datasheet HTML 1Page - Altera Corporation EP53A8HQI Datasheet HTML 2Page - Altera Corporation EP53A8HQI Datasheet HTML 3Page - Altera Corporation EP53A8HQI Datasheet HTML 4Page - Altera Corporation EP53A8HQI Datasheet HTML 5Page - Altera Corporation EP53A8HQI Datasheet HTML 6Page - Altera Corporation EP53A8HQI Datasheet HTML 7Page - Altera Corporation EP53A8HQI Datasheet HTML 8Page - Altera Corporation EP53A8HQI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EP53A8LQI/EP53A8HQI
Ordering Information
Part Number
Comment
Package
EP53A8LQI
LOW VID Range
16-pin QFN T&R
EP53A8HQI
HIGH VID Range
16-pin QFN T&R
EVB-EP53A8LQI
EP53A8LQI Evaluation Board
EVB-EP53A8HQI
EP53A8HQI Evaluation Board
Packing and Marking Information: www.altera.com/support/reliability/packing/rel-packing-and-marking.html
Pin Assignments (Top View)
Figure 1: EP53A8LQI Pin Out Diagram (Top View)
Figure 4: EP53A8HQI Pin Out Diagram (Top View) Pin
Description
Pin Description
PIN
NAME
FUNCTION
1, 15,
16
NC(SW)
NO CONNECT – These pins are internally connected to the common switching node of the
internal MOSFETs. NC (SW) pins are not to be electrically connected to any external signal,
ground, or voltage. However, they must be soldered to the PCB. Failure to follow this guideline
may result in part malfunction or damage to the device.
2,3
PGND
Power ground. Connect this pin to the ground electrode of the Input and output filter
capacitors.
4
VFB
EP53A8LQI: Feed back pin for external divider option.
EP53A8HQI: No Connect
5
VSENSE
Sense pin for preset output voltages. Refer to application section for proper configuration.
6
AGND
Analog ground. This is the quiet ground for the internal control circuitry, and the ground return
for external feedback voltage divider
7, 8
VOUT
Regulated Output Voltage. Refer to application section for proper layout and decoupling.
9, 10,
11
VS2, VS1,
VS0
Output voltage select. VS2 = pin 9, VS1 = pin 10, VS0 = pin 11.
EP53A8LQI: Selects one of seven preset output voltages or an external resistor divider.
EP53A8HQI: Selects one of eight preset output voltages.
(Refer to section on output voltage select for more details.)
12
ENABLE
Output Enable. Enable = logic high; Disable = logic low
13
AVIN
Input power supply for the controller circuitry. Connect to PVIN through a 100 Ohm resistor.
14
PVIN
Input Voltage for the MOSFET switches.
www.altera.com/enpirion, Page 2
03651
September 17, 2013
Rev D


Similar Part No. - EP53A8HQI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP53A8HQI ENPIRION-EP53A8HQI Datasheet
296Kb / 14P
   1000mA Synchronous Buck Regulator with Integrated Inductor
EP53A8HQI-E ENPIRION-EP53A8HQI-E Datasheet
296Kb / 14P
   1000mA Synchronous Buck Regulator with Integrated Inductor
More results

Similar Description - EP53A8HQI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
   800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP53A7HQI ALTERA-EP53A7HQI Datasheet
998Kb / 19P
   1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
logo
Enpirion, Inc.
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
logo
Altera Corporation
EP53A7LQI ALTERA-EP53A7LQI Datasheet
998Kb / 19P
   1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
logo
Enpirion, Inc.
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
logo
Altera Corporation
EN5367QI ALTERA-EN5367QI Datasheet
1Mb / 23P
   6A PowerSoC Highly Integrated Synchronous Buck With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com