Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP5352QI Datasheet(PDF) 2 Page - Altera Corporation

Part # EP5352QI
Description  500/600/800mA PowerSoC Synchronous Buck Regulators With Integrated Inductor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5352QI Datasheet(HTML) 2 Page - Altera Corporation

  EP5352QI Datasheet HTML 1Page - Altera Corporation EP5352QI Datasheet HTML 2Page - Altera Corporation EP5352QI Datasheet HTML 3Page - Altera Corporation EP5352QI Datasheet HTML 4Page - Altera Corporation EP5352QI Datasheet HTML 5Page - Altera Corporation EP5352QI Datasheet HTML 6Page - Altera Corporation EP5352QI Datasheet HTML 7Page - Altera Corporation EP5352QI Datasheet HTML 8Page - Altera Corporation EP5352QI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
EP5382QI/EP5362QI/EP5352QI
Absolute Maximum Ratings
CAUTION: Absolute Maximum ratings are stress ratings only. Functional operation beyond recommended operating
conditions is not implied. Stress beyond absolute maximum ratings may cause permanent damage to the device.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Supply Voltage
VIN
-0.3
7.0
V
Voltages on: ENABLE, VSENSE, VS0-VS2
-0.3
VIN + 0.3
V
Voltage on: VFB
-0.3
2.7
V
Storage Temperature Range
TSTG
-65
150
°C
Reflow Temp, 10 Sec, MSL3 JEDEC J-STD-020A
260
°C
ESD Rating (based on Human Body Model)
2000
V
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Voltage Range
VIN
2.4
5.5
V
Output Voltage Range
VOUT
0.6
VIN-0.45
V
Operating Ambient Temperature
TA
-40
+85
°C
Operating Junction Temperature
TJ
-40
+125
°C
Thermal Characteristics
PARAMETER
SYMBOL
TYP
UNITS
Thermal Resistance: Junction to Ambient (0 LFM)
θ
JA
65
°C/W
Thermal Resistance: Junction to Case (0 LFM)
θ
JC
15
°C/W
Thermal Shutdown
TJ-TP
+150
°C
Thermal Shutdown Hysteresis
15
°C
Electrical Characteristics
NOTE: TA = 25°C unless otherwise noted. Typical values are at VIN = 3.6V.
EP5352QI, EP5362QI: CIN = 2.2µF, COUT=10uF.
EP5382QI: CIN = 4.7µF, COUT=10uF.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input Voltage
VIN
2.4
5.5
V
Under Voltage Lockout
VUVLO
VIN going low to high
2.2
2.3
V
UVLO Hysteresis
0.145
V
VOUT Initial Accuracy
VOUT
2.4V ≤ V
IN
≤ 5.5V, I
LOAD = 100mA;
TA = 25C
-2.0
+2.0
%
VOUT Variation for all
Causes
VOUT
2.4V ≤ V
IN
≤ 5.5V, I
LOAD = 0 –
800mA,
TA = -40°C to +85°C
-3.0
+3.0
%
Feedback Pin Voltage
VFB
2.4V ≤ V
IN
≤ 5.5V, I
LOAD = 100mA
VSO=VS1=VS2=1
0.591
0.603
0.615
V
Feedback Pin Input Current
IFB
1
nA
Feedback Pin Voltage
VFB
2.4V ≤ V
IN
≤ 5.5V, I
LOAD = 0-800mA,
0.585
0.603
0.621
V
2
www.altera.com/enpirion
03132
October 11, 2013
Rev H


Similar Part No. - EP5352QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP5352Q ENPIRION-EP5352Q Datasheet
339Kb / 16P
   500/600/800mA Synchronous Buck Regulators With Integrated Inductor
More results

Similar Description - EP5352QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP5352Q ENPIRION-EP5352Q Datasheet
339Kb / 16P
   500/600/800mA Synchronous Buck Regulators With Integrated Inductor
logo
Altera Corporation
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
   800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
EN5367QI ALTERA-EN5367QI Datasheet
1Mb / 23P
   6A PowerSoC Highly Integrated Synchronous Buck With Integrated Inductor
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ALTERA-EP53A8LQI Datasheet
831Kb / 14P
   1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EN2342QI ALTERA-EN2342QI Datasheet
3Mb / 23P
   4A PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com