Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP5382QI Datasheet(PDF) 9 Page - Altera Corporation

Part # EP5382QI
Description  500/600/800mA PowerSoC Synchronous Buck Regulators With Integrated Inductor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5382QI Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP5382QI Datasheet HTML 5Page - Altera Corporation EP5382QI Datasheet HTML 6Page - Altera Corporation EP5382QI Datasheet HTML 7Page - Altera Corporation EP5382QI Datasheet HTML 8Page - Altera Corporation EP5382QI Datasheet HTML 9Page - Altera Corporation EP5382QI Datasheet HTML 10Page - Altera Corporation EP5382QI Datasheet HTML 11Page - Altera Corporation EP5382QI Datasheet HTML 12Page - Altera Corporation EP5382QI Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
EP5382QI/EP5362QI/EP5352QI
Output Voltage Select
To provide the highest degree of flexibility in
choosing output voltage, the EP53x2QI family
uses a 3 pin VID, or Voltage ID, output voltage
select arrangement.
This allows the designer
to choose one of seven preset voltages, or to
use an external voltage divider. Internally, the
output of the VID multiplexer sets the value for
the voltage reference DAC, which in turn is
connected to the non-inverting input of the
error amplifier. This allows the use of a single
feedback divider with constant loop gain and
optimum compensation, independent of the
output voltage selected.
Table 1 shows the various VS0-VS2 pin logic
states
and
the
associated
output voltage
levels. A logic “1” indicates a connection to VIN
or to a “high” logic voltage level.
A logic “0”
indicates a connection to ground or to a “low”
logic voltage level.
These pins can be either
hardwired to VIN or GND or alternatively can be
driven by standard logic levels. These pins
must not be left floating.
VS2
VS1
VS0
VOUT
0
0
0
3.3
0
0
1
2.5
0
1
0
2.8
0
1
1
1.2
1
0
0
3.0
1
0
1
1.8
1
1
0
2.7
1
1
1
External
External Voltage Divider
As
described
above,
the
external voltage
divider option is chosen by connecting the
VS0, VS1, and VS2 pins to VIN or logic “high”.
The EP53x2QI uses a separate feedback pin,
VFB, when using the external divider. VSENSE
must be connected to VOUT as indicated in
Figure 5.
VIN
VSense
Vin
VS1
VS2
VS0
10
µF
2.2uF
4.7uF
VOUT
Vout
GND
ENABLE
Ra
Rb
VFB
Figure 5. External Divider.
The output voltage is selected by the following
formula:
(
)
Rb
Ra
OUT
V
V
+
=
1
603
.
0
Ra must be chosen as 200KΩ to maintain loop
gain. Then Rb is given as:
=
603
.
0
10
2
.
1
5
OUT
b
V
x
R
Dynamically Adjustable Output
The EP53x2QI are designed to allow for
dynamic switching between the predefined VID
voltage levels
The inter-voltage slew rate is
optimized to prevent excess undershoot or
overshoot
as
the
output
voltage
levels
transition. The slew rate is identical to the soft-
start slew rate of 3V/mS.
Dynamic
transitioning between internal VID
settings and the external divider is not allowed.
Power-Up/Down Sequencing
During
power-up, ENABLE
should not be
asserted before VIN. During power down, the
VIN should not be powered down before the
ENABLE. Tying PVIN and ENABLE together
Table 1. Voltage select settings.
9
www.altera.com/enpirion
03132
October 11, 2013
Rev H


Similar Part No. - EP5382QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP5382Q ENPIRION-EP5382Q Datasheet
339Kb / 16P
   500/600/800mA Synchronous Buck Regulators With Integrated Inductor
More results

Similar Description - EP5382QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP5352Q ENPIRION-EP5352Q Datasheet
339Kb / 16P
   500/600/800mA Synchronous Buck Regulators With Integrated Inductor
logo
Altera Corporation
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
   800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
EN5367QI ALTERA-EN5367QI Datasheet
1Mb / 23P
   6A PowerSoC Highly Integrated Synchronous Buck With Integrated Inductor
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ALTERA-EP53A8LQI Datasheet
831Kb / 14P
   1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EN2342QI ALTERA-EN2342QI Datasheet
3Mb / 23P
   4A PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com