Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB-EP5352QI Datasheet(PDF) 11 Page - Altera Corporation

Part # EVB-EP5352QI
Description  500/600/800mA PowerSoC Synchronous Buck Regulators With Integrated Inductor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EVB-EP5352QI Datasheet(HTML) 11 Page - Altera Corporation

Back Button EVB-EP5352QI Datasheet HTML 7Page - Altera Corporation EVB-EP5352QI Datasheet HTML 8Page - Altera Corporation EVB-EP5352QI Datasheet HTML 9Page - Altera Corporation EVB-EP5352QI Datasheet HTML 10Page - Altera Corporation EVB-EP5352QI Datasheet HTML 11Page - Altera Corporation EVB-EP5352QI Datasheet HTML 12Page - Altera Corporation EVB-EP5352QI Datasheet HTML 13Page - Altera Corporation EVB-EP5352QI Datasheet HTML 14Page - Altera Corporation EVB-EP5352QI Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
EP5382QI/EP5362QI/EP5352QI
Recommendation 3: Multiple small vias (0.25mm after copper plating) should be used to connect
ground terminals of the Input capacitor and the output capacitor to the system ground plane. This
provides a low inductance path for the high-frequency AC currents, thereby reducing ripple and
suppressing EMI (see Fig. 5, Fig. 6, and Fig. 7).
Recommendation 4: The large thermal pad underneath the component must be connected to the
system ground plane through as many thermal vias as possible. The vias should use 0.33mm drill
size with minimum one ounce copper plating (0.035mm plating thickness). This provides the path for
heat dissipation from the converter.
Recommendation 5: The system ground plane referred to in recommendations 3 and 4 should be
the first layer immediately below the surface layer (PCB layer 2).
This ground plane should be
continuous and un-interrupted below the converter and the input and output capacitors that carry
large AC currents.
If it is not possible to make PCB layer 2 a continuous ground plane, an
uninterrupted ground “island” should be created on PCB layer 2 immediately underneath the
EP53x2QI and its input and output capacitors. The vias that connect the input and output capacitor
grounds, and the thermal pad to the ground island, should continue through to the PCB GND layer as
well.
Recommendation 6: As with any switch-mode DC/DC converter, do not run sensitive signal or
control lines underneath the converter package.
Figure 6 shows an example schematic for the EP53x2QI using the internal voltage select. In this
example, the device is set to a VOUT of 1.2V (VS2=0, VS1=1, VS0=1).
NC
NC
NC
V
OUT
ENABLE
VS0
VS1
VS2
10
9
8
7
20
19
18
17
4.7uF/2.2uF
10
µF
V
IN
V
OUT
(see layout recommendation 3)
Figure 6. Example application, Vout=1.2V.
Figure 7 shows an example schematic using an external voltage divider. VS0=VS1=VS2= “1”. The
resistor values are chosen to give an output voltage of 2.6V.
11
www.altera.com/enpirion
03132
October 11, 2013
Rev H


Similar Part No. - EVB-EP5352QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EVB-EP5357HUI ALTERA-EVB-EP5357HUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EVB-EP5357LUI ALTERA-EVB-EP5357LUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EVB-EP5358HUI ALTERA-EVB-EP5358HUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EVB-EP5358LUI ALTERA-EVB-EP5358LUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
More results

Similar Description - EVB-EP5352QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP5352Q ENPIRION-EP5352Q Datasheet
339Kb / 16P
   500/600/800mA Synchronous Buck Regulators With Integrated Inductor
logo
Altera Corporation
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
   800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
EN5367QI ALTERA-EN5367QI Datasheet
1Mb / 23P
   6A PowerSoC Highly Integrated Synchronous Buck With Integrated Inductor
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ALTERA-EP53A8LQI Datasheet
831Kb / 14P
   1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EN2342QI ALTERA-EN2342QI Datasheet
3Mb / 23P
   4A PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com