Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ2006 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # GBJ2006
Description  20A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GBJ2006 Datasheet(HTML) 1 Page - Diodes Incorporated

  GBJ2006 Datasheet HTML 1Page - Diodes Incorporated GBJ2006 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS21220 Rev. D-2
1 of 2
GBJ20005-GBJ2010
Features
GBJ20005 - GBJ2010
20A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ
Dim
Min
Max
A
29.70
30.30
B
19.70
20.30
C
17.00
18.00
D
3.80
4.20
E
7.30
7.70
G
9.80
10.20
H
2.00
2.40
I
0.90
1.10
J
2.30
2.70
K
3.0 X 45°
L
4.40
4.80
M
3.40
3.80
N
3.10
3.40
P
2.50
2.90
R
0.60
0.80
S
10.80
11.20
All Dimensions in mm
_
B
C
D
EE
G
H
K
J
I
L
M
N
P
R
S
A
Characteristic
Symbol
GBJ
20005
GBJ
2001
GBJ
2002
GBJ
2004
GBJ
2006
GBJ
2008
GBJ
2010
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Forward Rectified Output Current @ TC = 110°C
IO
20
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms single
half-sine-wave superimposed on rated load
(JEDEC method)
IFSM
240
A
Forward Voltage per element
@ IF = 10A
VFM
1.05
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage
@ TC = 125°C
IR
10
500
µA
I2t Rating for Fusing (t < 8.3 ms) (Note 1)
I2t
240
A2s
Typical Junction Capacitance per Element (Note 2)
Cj
60
pF
Typical Thermal Resistance Junction to Case (Note 3)
RqJC
0.8
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
·
Case: Molded Plastic
·
Terminals: Plated Leads, Solderable per
MIL-STD-202, Method 208
·
Polarity: Molded on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 in-lbs Maximum
·
Weight: 6.6 grams (approx)
·
Marking: Type Number
Mechanical Data
·
Glass Passivated Die Construction
·
High Case Dielectric Strength of 1500VRMS
·
Low Reverse Leakage Current
·
Surge Overload Rating to 240A Peak
·
Ideal for Printed Circuit Board Applications
·
Plastic Material - UL Flammability
Classification 94V-0
·
UL Listed Under Recognized Component
Index, File Number E94661
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1. Non-repetitive, for t > 1ms and < 8.3 ms.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance from junction to case per element. Unit mounted on 300 x 300 x 1.6mm aluminum plate heat sink.


Similar Part No. - GBJ2006

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ2006 MCC-GBJ2006 Datasheet
88Kb / 2P
   20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Chongqing Pingwei Enter...
GBJ2006 CHONGQING-GBJ2006 Datasheet
212Kb / 2P
   SINGLE PHASE20.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Shunye Electro...
GBJ2006 SY-GBJ2006 Datasheet
557Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Sirectifier Semiconduct...
GBJ2006 SIRECTIFIER-GBJ2006 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
logo
DIYI Electronic Technol...
GBJ2006 DYELEC-GBJ2006 Datasheet
3Mb / 2P
   SINGLE PHASE AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBJ2006

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
GBJ20005 YEASHIN-GBJ20005 Datasheet
329Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ20005 ZSELEC-KBJ20005 Datasheet
101Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ20A ZSELEC-KBJ20A Datasheet
101Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
RS2001M ZSELEC-RS2001M Datasheet
107Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ20A ZSELEC-GBJ20A Datasheet
63Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ20005 ZSELEC-GBJ20005 Datasheet
63Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005_15 Datasheet
79Kb / 3P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS20005M ZSELEC-RS20005M Datasheet
119Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBJ20005 SY-GBJ20005 Datasheet
557Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D20SB05 ZSELEC-D20SB05 Datasheet
93Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com