Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP5357HUI Datasheet(PDF) 11 Page - Altera Corporation

Part # EP5357HUI
Description  600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5357HUI Datasheet(HTML) 11 Page - Altera Corporation

Back Button EP5357HUI Datasheet HTML 7Page - Altera Corporation EP5357HUI Datasheet HTML 8Page - Altera Corporation EP5357HUI Datasheet HTML 9Page - Altera Corporation EP5357HUI Datasheet HTML 10Page - Altera Corporation EP5357HUI Datasheet HTML 11Page - Altera Corporation EP5357HUI Datasheet HTML 12Page - Altera Corporation EP5357HUI Datasheet HTML 13Page - Altera Corporation EP5357HUI Datasheet HTML 14Page - Altera Corporation EP5357HUI Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
EP5357LUI/EP5357HUI
exit LLM operation and begin normal PWM
operation.
Figure
6
demonstrates
VOUT
behavior during transition into and out of LLM
operation.
Figure 6: VOUT Behavior in LLM Operation
Figure 7: VOUT Droop during Periodic LLM Exit
Many multi-mode DCDC converters suffer from
a condition that occurs when the load current
increases only slowly so that there is no load
transient driving VOUT below the VMIN threshold.
In this condition, the device would never exit
LLM operation.
This could adversely affect
efficiency
and cause unwanted ripple. To
prevent this from occurring, the EP5357xUI
periodically exits LLM mode into PWM mode
and measures the load current.
If the load
current is above the LLM threshold current, the
device will remain in PWM mode. If the load
current is below the LLM threshold, the device
will re-enter LLM operation.
There will be a
small droop in VOUT at the point where the
device exits and re-enters LLM, as shown in
Figure 7.
Figure 8: Typical load current for LLM engage and
disengage versus VOUT for selected input voltages
Table 1: Load current below which the device can be
certain to be in LLM operation. These values are
guaranteed by design
The load current at which the device will enter
LLM mode is a function of input and output
voltage.
Figure 8 shows the typical value at
which the device will enter LLM operation. The
actual load current at which the device will
enter LLM operation can vary by +/-30%. Table
1 shows the minimum load current below which
the
device
is
guaranteed
to
be in LLM
operating mode.
To ensure normal LLM operation, LLM mode
should
be
enabled/disabled
with
specific
sequencing. For applications with explicit LLM
pin control, enable LLM after VIN ramp up is
complete;
disable
LLM
before
VIN
ramp
VOUT
IOUT
LLM
Ripple
PWM
Ripple
VMAX
VNOM
VMIN
Load
Step
LLM Threshold Current vs. VOUT
0
50
100
150
200
250
0.8
1.1
1.4
1.7
2.0
2.3
2.6
2.9
3.2
VOUT (V)
VIN=5V (top curve)
VIN=4.2V
VIN=3.7V
VIN=3.3V (bottom curve)
3.3
3.7
4.3
5.0
3.30
105
147
3.00
62
122
156
2.90
89
126
158
2.60
56
106
136
162
2.50
69
111
138
162
2.20
101
120
141
160
2.10
105
122
141
158
1.80
111
124
138
150
1.50
111
120
130
138
1.45
111
119
128
136
1.20
105
111
117
122
1.15
103
108
114
119
1.10
101
106
111
116
1.05
99
104
108
113
0.80
87
89
92
94
VIN
VOUT
Device exits LLM,
tests load current
11
www.altera.com/enpirion
03409
October 11, 2013
Rev E


Similar Part No. - EP5357HUI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP5357HUI ENPIRION-EP5357HUI Datasheet
291Kb / 17P
   600mA Synchronous Buck Regulator with Integrated Inductor
EP5357HUI-E ENPIRION-EP5357HUI-E Datasheet
291Kb / 17P
   600mA Synchronous Buck Regulator with Integrated Inductor
More results

Similar Description - EP5357HUI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ALTERA-EP53A8LQI Datasheet
831Kb / 14P
   1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
   800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
logo
Enpirion, Inc.
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
   600mA Synchronous Buck Regulator With Integrated Inductor
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
   600mA Synchronous Buck Regulator with Integrated Inductor
logo
Altera Corporation
EN5367QI ALTERA-EN5367QI Datasheet
1Mb / 23P
   6A PowerSoC Highly Integrated Synchronous Buck With Integrated Inductor
EN2342QI ALTERA-EN2342QI Datasheet
3Mb / 23P
   4A PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com