Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ23C16 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DZ23C16
Description  300mW DUAL SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZ23C16 Datasheet(HTML) 1 Page - Diodes Incorporated

  DZ23C16 Datasheet HTML 1Page - Diodes Incorporated DZ23C16 Datasheet HTML 2Page - Diodes Incorporated DZ23C16 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS18002 Rev. 8 - 2
1 of 3
DZ23C2V7-DZ23C51
www.diodes.com
DZ23C2V7 - DZ23C51
300mW DUAL SURFACE MOUNT ZENER DIODE
·
Dual Zeners in Common Cathode Configuration
·
300 mW Power Dissipation
·
Ideally Suited for Automatic Insertion
·D VZ For Both Diodes in One Case is £ 5%
·
Common Anode Style Available
See AZ Series
Features
Maximum Ratings @TA = 25°C unless otherwise specified
·
Case: SOT-23, Molded Plastic
·
Case material - UL Flammability Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagram
·
Marking: Marking Code (See Page 2)
·
Approx. Weight: 0.008 grams
Mechanical Data
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
417
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
–65 to +150
°C
Note:
1. Mounted on FR4 PC Board with recommended pad layout which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. f = 1KHz.
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
Device
Packaging
Shipping
(Type Number)-7*
SOT-23
3000/Tape & Reel
* Add “-7” to the appropriate type number in Table on Page 2 example: 6.2V Zener = DZ23C6V2-7.
(Note 4)
Ordering Information


Similar Part No. - DZ23C16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23C16 VISHAY-DZ23C16 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C16 VISHAY-DZ23C16 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
logo
Diodes Incorporated
DZ23C16 DIODES-DZ23C16 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
logo
Micro Commercial Compon...
DZ23C16 MCC-DZ23C16 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
logo
Taiwan Semiconductor Co...
DZ23C16 TSC-DZ23C16 Datasheet
120Kb / 2P
   Dual Surface Mount Zener Diode
More results

Similar Description - DZ23C16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C2V7 DIODES-AZ23C2V7_1 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com