Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB40P04J3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # MTB40P04J3
Description  P-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB40P04J3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  MTB40P04J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB40P04J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB40P04J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB40P04J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB40P04J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB40P04J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB40P04J3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C595J3
Issued Date : 2010.04.19
Revised Date :
Page No. : 6/7
MTB40P04J3
CYStek Product Specification
Recommended wave soldering condition
Soldering Time
Product
Peak Temperature
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
−Time(ts min to ts max)
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.


Similar Part No. - MTB40P04J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB40P06AV8 CYSTEKEC-MTB40P06AV8 Datasheet
445Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTB40P06AV8-0-T6-G CYSTEKEC-MTB40P06AV8-0-T6-G Datasheet
445Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTB40P06J3 CYSTEKEC-MTB40P06J3 Datasheet
302Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB40P06Q8 CYSTEKEC-MTB40P06Q8 Datasheet
309Kb / 8P
   MTB40P06Q8 CYStek Product Specification
logo
VBsemi Electronics Co.,...
MTB40P06Q8 VBSEMI-MTB40P06Q8 Datasheet
1Mb / 9P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - MTB40P04J3

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com