Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC2504 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # GBPC2504
Description  25A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GBPC2504 Datasheet(HTML) 2 Page - Diodes Incorporated

  GBPC2504 Datasheet HTML 1Page - Diodes Incorporated GBPC2504 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS21209 Rev. G-2
2 of 2
GBPC25005/W - GBPC2510/W
0.01
0.1
1.0
10
100
0
0.4
0.8 1.0
1.6 1.8
0.6
0.2
1.2 1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics (per element)
F
T = 25°C
j
Pulse Width = 300µs
0
100
200
300
400
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Surge Current
Single Half-Sine Wave
(JEDEC Method)
T = 150°C
j
10
100
1000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance (per element)
R
f=1Mhz
T = 25°C
j
0.01
0.1
1.0
10
100
40
20
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics (per element)
T = 125°C
j
T = 130°C
j
T = 25°C
j
50V - 400V
600V - 1000V
0
10
20
0
25
50
75
100
125
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward. Current Derating Curve
C
°
Resistive or
Inductive load
Mounted on a
220x220x50mm
AL plate heatsink
30
40


Similar Part No. - GBPC2504

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC2504 PANJIT-GBPC2504 Datasheet
38Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 25 Amperes)
logo
Micro Commercial Compon...
GBPC2504 MCC-GBPC2504 Datasheet
173Kb / 3P
   25 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
logo
HY ELECTRONIC CORP.
GBPC2504 HY-GBPC2504 Datasheet
328Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Surge Components
GBPC2504 SURGE-GBPC2504 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
GBPC2504 LUGUANG-GBPC2504 Datasheet
268Kb / 2P
   High Current 15,25,35 AMP.Single Phase Glass Passivated Bridge Rectifiers
More results

Similar Description - GBPC2504

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
RS2505M SHUNYE-RS2505M Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ25005 ZSELEC-GBJ25005 Datasheet
59Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
D25SB60 LUGUANG-D25SB60 Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBPC25005 DIODES-GBPC25005_1 Datasheet
370Kb / 3P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. 9 - 2
logo
Shanghai Shunye Electro...
RS2501M SY-RS2501M Datasheet
162Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D25SB05 ZSELEC-D25SB05 Datasheet
98Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
GBU2506L LUGUANG-GBU2506L Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ25005 DIODES-GBJ25005 Datasheet
54Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
logo
Shanghai Shunye Electro...
GBJ25005 SHUNYE-GBJ25005 Datasheet
96Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ25A ZSELEC-GBJ25A Datasheet
70Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com