Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS1-200Q Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PS1-200Q
Description  Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS1-200Q Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PS1-200Q Datasheet HTML 2Page - List of Unclassifed Manufacturers PS1-200Q Datasheet HTML 3Page - List of Unclassifed Manufacturers PS1-200Q Datasheet HTML 4Page - List of Unclassifed Manufacturers PS1-200Q Datasheet HTML 5Page - List of Unclassifed Manufacturers PS1-200Q Datasheet HTML 6Page - List of Unclassifed Manufacturers PS1-200Q Datasheet HTML 7Page - List of Unclassifed Manufacturers PS1-200Q Datasheet HTML 8Page - List of Unclassifed Manufacturers PS1-200Q Datasheet HTML 9Page - List of Unclassifed Manufacturers PS1-200Q Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MINIATURE SWITCHES
Litho in U.S.A GG
9
SPECIFICATIONS
Contact Rating – Letter codes G and Q (1 Pole) 5
amp resistive @ 125 VAC (U.L. recognized, CSA
certified)
or 5 amp resistive @ 28 VDC. (2 pole) 1 amp
resistive @ 125 VAC (U.L. recognized, CSA certified) or
1 amp resistive @ 28 VDC.
Letter codes B and G – (1 and 2 Poles) 0.4 Volt-
amps (VA) maximum @ 28 V maximum (AC or DC).
Contact Resistance – 50 milliohms maximum.
Insulation Resistance – 1,000 megohms minimum.
Dielectric Strength – 1,000 volts RMS minimum at
sea level.
Electrical Life – 60,000 cycles minimum at full load-
resistive.
Maximum Allowable Installation Force on Plunger
– 10 pounds.
Multi-pole contacts do not make and break simul-
taneously.
MATERIALS
Case — Diallyl Phthalate.
Bushing — Brass, nickel plated.
Housing — Stainless steel.
Plunger — Thermoplastic.
Common Contact — Refer to contact material
table above.
Center & End Contact — Refer to contact material
table above.
Description
P/N
Color
W-KN-16
Black
W-KN-16A
White
W-KN-16B
Red
W-KN-32
Black
W-KN-32A
White
W-KN-32B
Red
W-KN-17
Black
W-KN-17A
White
W-KN-17B
Red
W-KN-18
Black
W-KN-18A
White
W-KN-18B
Red
Square Cap
.450
Large Cap
.375
Medium Cap
.310
Small Cap
.200
Basic P/N
Terminal Type
Poles
Cap Size
Cap Color
Contact Material-Type
0 - No Cap
0 - No Cap
B - Gold/Nickel/Brass
71 - PC Mounted
1 - One
1 - .200 Dia.
1 - Black
G - Gold/Nickel/Silver
PS81 - PC Mounted
2 - Two
2 - .375 Dia.
2 - White
Q - Coin Silver
3 - .450 Sq.
3 - Red
4 - .310 Dia.
Single pole circuit rated 5 amps, double pole circuit rated 1 amp.
Ratings are 0.4 VA — 28 VAC or DC.
ORDERING EXAMPLES:
PS71-100B=
(PC mounted 0.4 VA)
One-pole
No Cap
No Color
Brass Contacts
PS
71
-
1
0
0
B
PS81-221Q=
(PC mounted 1 amp.)
Two-pole
.375 Dia.
Black Cap
Coin Silver Contacts
PS
81
-
2
2
1
Q
Gold/Nickel/
Sensitive Snap-Action Pushbutton Switches —
P.C. Terminals (Momentary Action)
VERTICAL P.C. MOUNT (.630 x .620 BRACKET)
PS
SERIES
5 AMP. (S.P.)
1 AMP (D.P.)
0.4 VA
PS71
(LONG BUSHING)
SP
DP
PS81
(SHORT BUSHING)
SP
DP
Printed Circuit Terminal
EPOXY SEAL
STD. FOR
THIS SERIES
1 Pole P.C. Mounting
2 Pole P.C. Mounting


Similar Part No. - PS1-200Q

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PS1-4U32D6QP HIROSE-PS1-4U32D6QP Datasheet
414Kb / 10P
   High-Current Connectors
More results

Similar Description - PS1-200Q

ManufacturerPart #DatasheetDescription
logo
ITT Industries
8060 ITT-8060 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
   Alternate Action and Momentary Pushbutton Switches
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
2018
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN11 CK-COMPONENTS-PN11 Datasheet
306Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN CK-COMPONENTS-PN Datasheet
560Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
2022
logo
ITT Industries
PN11SBNA03QE ITT-PN11SBNA03QE Datasheet
430Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
logo
Grayhill, Inc
38EWSP7B1M1QT GRAYHILL-38EWSP7B1M1QT Datasheet
521Kb / 5P
   Sealed Snap Action Miniature Pushbutton Switches
logo
Hirose Electric
DG13-B1AA HIROSE-DG13-B1AA Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
   SNAP ACTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com