Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE3-16V102MH4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RE3-16V102MH4
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RE3-16V102MH4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RE3-16V102MH4 Datasheet HTML 1Page - List of Unclassifed Manufacturers RE3-16V102MH4 Datasheet HTML 2Page - List of Unclassifed Manufacturers RE3-16V102MH4 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
52
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CAT.No.2004/2005E(2004.10.1)
RE3
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
(Note) ESR : 20˚C, 120Hz ; Rated ripple current : 85˚C, 120Hz
Standard Ratings
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
10000
15000
22000
Rated voltage
(V)
10
16
25
35
50
63
6.3
100
Item
——
——
——
——
——
——
——
——
——
——
——
——
——
5x11
2.11
200
6.3x11
1.41
270
6.3x11
0.988
322
8x11.5
0.464
546
10x20
0.226
1010
10x20
0.161
1230
12.5x20
0.12
1710
12.5x25
0.093
1930
16x25
0.076
2450
16x35.5
0.062
2860
18x40
0.053
3340
——
——
——
——
——
——
——
——
——
——
——
5x11
8.47
99
5x11
3.78
146
6.3x11
1.81
240
6.3x11
1.21
290
8x11.5
0.847
417
10x12.5
0.398
650
10x20
0.196
1080
12.5x20
0.141
1430
12.5x25
0.106
1780
16x25
0.083
2200
16x35.5
0.07
2700
18x35.5
0.058
3100
——
——
——
——
——
——
——
——
——
5x11
33.2
50
5x11
15.1
75
5x11
10.1
92
5x11
7.06
110
5x11
3.32
160
6.3x11
1.51
264
8x11.5
1.01
383
8x11.5
0.706
457
10x16
0.332
791
12.5x20
0.166
1350
12.5x25
0.121
1690
16x25
0.092
2100
16x35.5
0.073
2580
18x35.5
0.063
3130
——
——
——
——
——
——
——
——
——
5x11
56.5
38
5x11
26.5
55
5x11
12.1
82
5x11
8.04
100
5x11
5.65
118
6.3x11
2.65
199
8x11.5
1.21
349
10x12.5
0.804
510
10x12.5
0.565
545
10x20
0.265
996
12.5x25
0.136
1660
16x25
0.101
2030
16x31.5
0.078
2650
18x35.5
0.063
3290
——
——
——
——
——
——
——
——
——
——
5x11
49.4
40
5x11
23.2
59
5x11
10.6
87
5x11
7.04
107
5x11
4.94
130
6.3x11
2.32
214
10x12.5
1.06
443
10x12.5
0.704
542
10x16
0.494
664
12.5x20
0.232
1210
16x25
0.121
1950
16x35.5
0.09
2510
18x35.5
0.071
2990
——
——
——
——
5x11
1990
3
5x11
905
6
5x11
603
9
5x11
423
13
5x11
199
21
5x11
90.5
31
5x11
60.3
38
5x11
42.3
45
5x11
19.9
66
5x11
9.05
98
5x11
6.03
126
6.3x11
4.23
155
8x11.5
1.99
260
10x12.5
0.905
443
10x16
0.603
595
12.5x20
0.423
887
12.5x25
0.199 1400
16x35.5
0.106 2340
18x35.5
0.08
2810
——
——
——
——
——
——
——
——
——
——
——
——
5x11
35.3
45
5x11
16.6
66
5x11
7.54
100
6.3x11
5.03
140
6.3x11
3.53
170
10x12.5
1.66
300
10x16
7.54
470
10x20
0.503
710
12.5x20
0.353
900
16x25
0.166
1300
——
——
——
——
——
——
——
5x11
1330
2.1
5x11
603
4.7
5x11
402
7
5x11
282
10
5x11
133
21
5x11
60.3
30
5x11
40.2
40
5x11
28.2
45
6.3x11
13.3
75
6.3x11
6.03
130
8x11.5
4.02
180
10x12.5
2.82
230
10x20
1.33
370
12.5x20
0.603 620
12.5x25
0.402 760
16x25
0.282 1000
18x40
0.133 1380
——
——
——
——
——
——
——
Rated
capacitance
(µF)
øD x L
(mm)
øD x L
(mm)
øD x L
(mm)
øD x L
(mm)
øD x L
(mm)
øD x L
(mm)
øD x L
(mm)
Case
ESR
mArms
Rated
ripple
current
Case
ESR
mArms
Rated
ripple
current
Case
ESR
mArms
Rated
ripple
current
Case
ESR
mArms
Rated
ripple
current
Case
ESR
mArms
Rated
ripple
current
Case
ESR
mArms
Rated
ripple
current
Case
ESR
mArms
Rated
ripple
current
Case
ESR
mArms
Rated
ripple
current
øD x L
(mm)
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
Rated voltage
(V)
200
250
315
350
400
450
160
Item
6.3x11
706
15
6.3x11
332
22
6.3x11
151
32
6.3x11
101
40
6.3x11
70.6
48
8x11.5
33.2
81
10x16
15.1
151
10x20
10.1
202
12.5x20
7.06
266
12.5x25
3.32
422
16x31.5
1.51
783
18x35.5
1.01
1080
6.3x11
706
15
6.3x11
332
22
6.3x11
151
32
6.3x11
101
40
8x11.5
70.6
56
10x12.5
33.2
94
10x20
15.1
170
12.5x20
10.1
223
12.5x25
7.06
265
16x25
3.32
483
18x35.5
1.51
882
——
6.3x11
706
15
6.3x11
332
22
6.3x11
151
32
8x11.5
101
48
8x11.5
70.6
56
10x16
33.2
101
12.5x20
15.1
182
12.5x25
10.1
243
12.5x25
7.06
295
16x31.5
3.32
528
——
——
6.3x11
847
15
6.3x11
398
22
8x11.5
181
38
10x12.5
121
53
10x12.5
84.7
65
10x20
39.8
115
12.5x20
18.1
182
16x25
12.1
277
16x25
8.47
330
18x31.5
3.98
567
——
——
6.3x11
847
15
6.3x11
398
22
8x11.5
181
38
10x12.5
121
53
10x12.5
84.7
65
10x20
39.8
115
12.5x25
18.1
197
16x25
12.1
277
16x25
8.47
330
18x31.5
3.98
567
——
——
6.3x11
847
15
6.3x11
398
22
8x11.5
181
38
10x12.5
121
54
10x16
84.7
71
12.5x20
39.8
123
12.5x25
18.1
197
16x25
12.1
277
16x31.5
8.47
361
——
——
——
8x11.5
847
18
8x11.5
398
25
10x12.5
181
43
10x16
121
59
10x20
84.7
76
12.5x20
39.8
123
16x25
18.1
226
16x31.5
12.1
304
16x35.5
8.47
380
——
——
——
Rated
capacitance
(µF)
øD x L
(mm)
øD x L
(mm)
øD x L
(mm)
øD x L
(mm)
øD x L
(mm)
øD x L
(mm)
øD x L
(mm)
Case
ESR
mArms
Rated
ripple
current
Case
ESR
mArms
Rated
ripple
current
Case
ESR
mArms
Rated
ripple
current
Case
ESR
mArms
Rated
ripple
current
Case
ESR
mArms
Rated
ripple
current
Case
ESR
mArms
Rated
ripple
current
Case
ESR
mArms
Rated
ripple
current


Similar Part No. - RE3-16V102MH4

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RE300 EXTECH-RE300 Datasheet
108Kb / 6P
   Waterproof ORP Meter
logo
TP-Link Technologies Co...
RE300 TP-LINK-RE300 Datasheet
1Mb / 5P
   AC1200 Mesh Wi-Fi Range Extender
logo
Extech Instruments Corp...
RE300 EXTECH-RE300_15 Datasheet
111Kb / 1P
   ExStik짰 ORP Waterproof Meter
logo
Copal Electronics
RE30E COPAL-RE30E Datasheet
679Kb / 3P
   OPTICAL ENCODERS
RE30E-100-213-1 COPAL-RE30E-100-213-1 Datasheet
679Kb / 3P
   OPTICAL ENCODERS
More results

Similar Description - RE3-16V102MH4

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com