Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-IF485.0M-05A Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 813-IF485.0M-05A
Description  485.0 MHz IF SAW Filter 5.91MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-IF485.0M-05A Datasheet(HTML) 3 Page - Oscilent Corporation

  813-IF485.0M-05A Datasheet HTML 1Page - Oscilent Corporation 813-IF485.0M-05A Datasheet HTML 2Page - Oscilent Corporation 813-IF485.0M-05A Datasheet HTML 3Page - Oscilent Corporation 813-IF485.0M-05A Datasheet HTML 4Page - Oscilent Corporation 813-IF485.0M-05A Datasheet HTML 5Page - Oscilent Corporation 813-IF485.0M-05A Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oscilent Part Number
813-IF485.0M-05A
January 2011 Rev A
485.0 MHz IF SAW Filter 5.91MHz Bandwidth
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-30
-
+80
Storage Temperature Range
°C
-40
-
+85
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
-
485.0
-
Insertion Loss at Fo
dB
-
21.7
23.0
Group Delay Variation at Fo ± 2.69 MHz
nsec
-
87
180
Absolute Delay at Fo
usec
-
1.39
-
Passband Ripple Variation at Fo ± 2.69 MHz
dB
-
0.47
1.00
Bandwidth at -1dB
MHz
5.50
5.91
-
Bandwidth at -3dB
MHz
-
6.35
-
Bandwidth at -20dB
MHz
-
7.47
-
Bandwidth at -40dB
MHz
-
7.98
8.30
Ultimate Rejection
dB
-
55
-
Temperature Coefficient
ppm/°C
-
-0.03
-


Similar Part No. - 813-IF485.0M-05A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF473.0M-05A OSCILENT-813-IF473.0M-05A Datasheet
194Kb / 6P
   473.0 MHz IF SAW Filter 5.94MHz Bandwidth
813-IF479.0M-05A OSCILENT-813-IF479.0M-05A Datasheet
192Kb / 6P
   479.0 MHz IF SAW Filter 5.88MHz Bandwidth
813-IF491.0M-05A OSCILENT-813-IF491.0M-05A Datasheet
191Kb / 6P
   491.0 MHz IF SAW Filter 5.85MHz Bandwidth
813-IF497.0M-05A OSCILENT-813-IF497.0M-05A Datasheet
192Kb / 6P
   497.0 MHz IF SAW Filter 5.92MHz Bandwidth
More results

Similar Description - 813-IF485.0M-05A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF70.0M-14D OSCILENT-813-IF70.0M-14D Datasheet
217Kb / 6P
   70.0 MHz IF SAW Filter 14.90 MHz Bandwidth
813-IF70.0M-19A OSCILENT-813-IF70.0M-19A Datasheet
208Kb / 6P
   70.0 MHz IF SAW Filter 19.83 MHz Bandwidth
820-IF120.0M-15A OSCILENT-820-IF120.0M-15A Datasheet
229Kb / 6P
   120.0 MHz IF SAW Filter 15.48 MHz Bandwidth
820-IF260.0M-29A OSCILENT-820-IF260.0M-29A Datasheet
227Kb / 6P
   260.0 MHz IF SAW Filter 29.61 MHz Bandwidth
820-IF260.0M-30A OSCILENT-820-IF260.0M-30A Datasheet
229Kb / 6P
   260.0 MHz IF SAW Filter 30.21 MHz Bandwidth
821-IF45.0M-10A OSCILENT-821-IF45.0M-10A Datasheet
222Kb / 6P
   45.0 MHz IF SAW Filter 10.0 MHz Bandwidth
821-IF75.0M-30A OSCILENT-821-IF75.0M-30A Datasheet
499Kb / 6P
   75.0 MHz IF SAW Filter 29.97 MHz Bandwidth
821-IF85.1M-20C OSCILENT-821-IF85.1M-20C Datasheet
222Kb / 6P
   85.10 MHz IF SAW Filter 20.06 MHz Bandwidth
867-SL174.0M-10A OSCILENT-867-SL174.0M-10A Datasheet
218Kb / 6P
   174.0 MHz IF SAW Filter 10.50 MHz Bandwidth
821-IF115.0M-07B OSCILENT-821-IF115.0M-07B Datasheet
217Kb / 6P
   115.0 MHz IF SAW Filter 7.54 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com