Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

820-IF260.0M-29A Datasheet(PDF) 6 Page - Oscilent Corporation

Part # 820-IF260.0M-29A
Description  260.0 MHz IF SAW Filter 29.61 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

820-IF260.0M-29A Datasheet(HTML) 6 Page - Oscilent Corporation

  820-IF260.0M-29A Datasheet HTML 1Page - Oscilent Corporation 820-IF260.0M-29A Datasheet HTML 2Page - Oscilent Corporation 820-IF260.0M-29A Datasheet HTML 3Page - Oscilent Corporation 820-IF260.0M-29A Datasheet HTML 4Page - Oscilent Corporation 820-IF260.0M-29A Datasheet HTML 5Page - Oscilent Corporation 820-IF260.0M-29A Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Oscilent Part Number
820-IF260.0M-29A
January 2011 Rev A
260.0 MHz IF SAW Filter 29.61 MHz Bandwidth
Product Specification
P. 5
www.oscilent.com
VSWR


Similar Part No. - 820-IF260.0M-29A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF260.0M-29B OSCILENT-820-IF260.0M-29B Datasheet
227Kb / 6P
   260.0 MHz IF SAW Filter 29.53 MHz Bandwidth
More results

Similar Description - 820-IF260.0M-29A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA26029AD TRANSKO-TA26029AD Datasheet
502Kb / 4P
   260.0 MHz IF SAW Filter / 29.61 MHz Bandwidth
Revision 0: 30. Oct. 2009
logo
Oscilent Corporation
820-IF260.0M-30A OSCILENT-820-IF260.0M-30A Datasheet
229Kb / 6P
   260.0 MHz IF SAW Filter 30.21 MHz Bandwidth
logo
Transko Electronics, In...
TA26019CD1 TRANSKO-TA26019CD1 Datasheet
567Kb / 4P
   260.0 MHz IF SAW Filter / 19.25 MHz Bandwidth
Revision 0: 15. May 2009
TA26030AD TRANSKO-TA26030AD Datasheet
667Kb / 4P
   260.0 MHz IF SAW Filter / 30.21 MHz Bandwidth
Revision 0: 10. Nov. 2009
logo
Oscilent Corporation
820-IF260.0M-30B OSCILENT-820-IF260.0M-30B Datasheet
195Kb / 6P
   260.0 MHz IF SAW Filter 30.25 MHz Bandwidth
821-IF260.0M-20A OSCILENT-821-IF260.0M-20A Datasheet
211Kb / 6P
   260.0 MHz IF SAW Filter 20.23 MHz Bandwidth
820-IF260.0M-29B OSCILENT-820-IF260.0M-29B Datasheet
227Kb / 6P
   260.0 MHz IF SAW Filter 29.53 MHz Bandwidth
813-IF260.0M-19A OSCILENT-813-IF260.0M-19A Datasheet
222Kb / 6P
   260.0 MHz IF SAW Filter 19.38 MHz Bandwidth
logo
Transko Electronics, In...
TA26020AD1 TRANSKO-TA26020AD1 Datasheet
627Kb / 4P
   260.0 MHz IF SAW Filter / 20.23 MHz Bandwidth
Revision 0: 03. Jun. 2009
TA26029BD TRANSKO-TA26029BD Datasheet
631Kb / 4P
   260.0 MHz IF SAW Filter / 29.53 MHz Bandwidth
Revision 0: 16. Dec. 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com