Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMC0603X7R103K50TRPF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NMC0603X7R103K50TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC0603X7R103K50TRPF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NMC0603X7R103K50TRPF Datasheet HTML 1Page - NIC-Components Corp. NMC0603X7R103K50TRPF Datasheet HTML 2Page - NIC-Components Corp. NMC0603X7R103K50TRPF Datasheet HTML 3Page - NIC-Components Corp. NMC0603X7R103K50TRPF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
FEATURES
• CLASS II DIELECTRIC, TEMPERATURE STABLE
• EXCELLENT FREQUENCY CHARACTERISTICS, NON-LINEAR
CAPACITANCE CHANGE
• HIGHER CAPACITANCE THAN NPO
• NICKEL BARRIER TERMINATIONS AND EXCELLENT
MECHANICAL STRENGTH
NMC Series X7R
Multilayer Ceramic Chip Capacitors
NMC 0805 X7R 102 K 50 TRP or TRPLP 3K F
RoHS Compliant
Optional Reel Qty (3K=3,000pcs)
Tape & Reel (Embossed Plastic Carrier)
Tape & Reel (Punched carrier)
Voltage (Vdc)
Capacitance Tolerance Code (see chart)
Capacitance Code, expressed in pF, first 2 digits are
significant, 3rd digit is no. of zeros, “R” indicates
decimal for under 10pF
Temperature Characteristic
Size Code (see chart)
Series
PART NUMBER SYSTEM
Capacitance Range
47pF ~ 0.82
μF (see high CV datasheet for higher capacitance values)
Capacitance Tolerance
±5% (J), ±10% (K), ±20% (M)
Operating Temperature Range
-55°C ~ +125°C
Temperature Characteristics
±15%
Δ max. over temperature range (with 0 Vdc applied)
Rated Voltages
10Vdc, 16Vdc, 25Vdc, 35Vdc, 50Vdc (see NMC-H Series for higher voltages)
Dissipation Factor
2.5% max. (50Vdc, 100Vdc); 3.5% max. (16Vdc, 25Vdc) 5% max. (10Vdc)
@ 1.0Vrms and 1KHz, +25°C
insulation Resistance
10,000Megohms min. or 500Megohm/
μF min. whichever is less @ +25°C
Dielectric Withstanding Voltage
250% of Rated Voltage for 5 ±1 seconds, 50mA maximum current
Test Conditions (EIA-198-2E)
1KHz, 1.0V ±0.2Vrms
Temperature °C
10000
1000
100
10
10
25
100 125
Minimum Insulation Resistance
vs. Temperature
Impedance vs. Frequency - X7R
Frequency (MHz)
% Dissipation Factor vs. Temperature
Temperature °C
Typical X7R Temperature Coefficient
Temperature °C
Voltage Coefficient of Capacitance - X7R
DC Volts Applied
*See Part Number System for Details
EAR
S
S
f
RoHS
Compliant
Includes all homogeneous materials


Similar Part No. - NMC0603X7R103K50TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC0603X7R102K100TRP3KF NIC-NMC0603X7R102K100TRP3KF Datasheet
361Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC0603X7R102K100TRPLP3KF NIC-NMC0603X7R102K100TRPLP3KF Datasheet
361Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC0603X7R102K10TRP3KF NIC-NMC0603X7R102K10TRP3KF Datasheet
361Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC0603X7R102K10TRPLP3KF NIC-NMC0603X7R102K10TRPLP3KF Datasheet
361Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC0603X7R102K16TRP3KF NIC-NMC0603X7R102K16TRP3KF Datasheet
361Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC0603X7R103K50TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com