Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCS0603E3202LT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCS0603E3202LT
Description  SMD 0603, Glass Protected NTC Thermistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCS0603E3202LT Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCS0603E3202LT Datasheet HTML 1Page - Vishay Siliconix NTCS0603E3202LT Datasheet HTML 2Page - Vishay Siliconix NTCS0603E3202LT Datasheet HTML 3Page - Vishay Siliconix NTCS0603E3202LT Datasheet HTML 4Page - Vishay Siliconix NTCS0603E3202LT Datasheet HTML 5Page - Vishay Siliconix NTCS0603E3202LT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NTCS0603E3.....T
www.vishay.com
Vishay BCcomponents
Revision: 25-Feb-13
1
Document Number: 29056
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMD 0603, Glass Protected NTC Thermistors
FEATURES
• TCR ranging from - 7 %/K at - 40 °C to - 2 %/K
at 150 °C
• Tolerance on R25 down to 1 %, and on B25/85
down to 1 %
• Suitable for wave or reflow soldering
• NiSn terminations
• Fully glass coated and protected
• cUL recognized for safety applications
(file E148885)
• AEC-Q200 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Temperature sensing, protection and compensation in
automotive,
industrial,
telecom
and
consumer
applications. Examples are:
- Battery chargers
- Power suppliers
- Office equipment
- LCD compensation
- In-car entertainment
DESCRIPTION
Size 0603 chip thermistors with a negative temperature
coefficient. The device has no marking.
PACKAGING
Available in 8 mm punched paper tape on reel package of
4000 units.
DESIGN-IN SUPPORT
For complete Curve Computation, visit:
www.vishay.com/resistors-non-linear/curve-computation-list/
Notes
(1) Replace * in SAP by J for ± 5 %, H for ± 3 %, G for ± 2 %, F for ± 1 % tolerance on R25
(2) Type NTCS0603E3202*LT only available in 5 % tolerance on R25
(3) Type NTCS0603E3153*MT is not UL recognized
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
2.0K to 100K
Tolerance on R25-value
± 1; ± 2; ± 3; ± 5
%
B25/85-value
3420 to 4100
K
Tolerance on B25/85-value
± 1
%
Maximum dissipation at 25 °C
125
mW
Thermal time constant
 8s
Dissipation factor D
3.0
mW/K
Operating temperature range
at zero power
- 40 to + 150
°C
Weight
 0.006
g
ELECTRICAL DATA AND ORDERING INFORMATION
R25-VALUE
(k
)
B25/85-VALUE
(K)
TOLERANCE ON B25/85
(%)
SAP MATERIAL AND ORDERING NUMBER (1)
2.0
3420
± 1
NTCS0603E3202*LT (2)
2.2
3520
± 1
NTCS0603E3222*MT
2.7
3600
± 1
NTCS0603E3272*MT
4.7
3830
± 1
NTCS0603E3472*HT
10
3435
± 1
NTCS0603E3103*LT
10
3610
± 1
NTCS0603E3103*MT
10
3960
± 1
NTCS0603E3103*HT
15
3600
± 1
NTCS0603E3153*MT (3)
22
3730
± 1
NTCS0603E3223*MT
33
3860
± 1
NTCS0603E3333*HT
47
3960
± 1
NTCS0603E3473*HT
68
3985
± 1
NTCS0603E3683*HT
100
4100
± 1
NTCS0603E3104*XT


Similar Part No. - NTCS0603E3202LT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0603E3202LT VISHAY-NTCS0603E3202LT Datasheet
144Kb / 7P
   SMD 0603, Glass Protected NTC thermistors
Revision: 22-Apr-09
NTCS0603E3202LT VISHAY-NTCS0603E3202LT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3202LT VISHAY-NTCS0603E3202LT Datasheet
116Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3202LT VISHAY-NTCS0603E3202LT Datasheet
120Kb / 3P
   SMD 0603, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0603E3202LT VISHAY-NTCS0603E3202LT Datasheet
119Kb / 3P
   SMD 0603, Glass Protected NTC Thermistorss
01-Jan-2022
More results

Similar Description - NTCS0603E3202LT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0603E3104FXT VISHAY-NTCS0603E3104FXT Datasheet
123Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3-T VISHAY-NTCS0603E3-T Datasheet
116Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3103FMT VISHAY-NTCS0603E3103FMT Datasheet
123Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3T VISHAY-NTCS0603E3T Datasheet
116Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3222FMT VISHAY-NTCS0603E3222FMT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
23816153202 VISHAY-23816153202 Datasheet
144Kb / 7P
   SMD 0603, Glass Protected NTC thermistors
Revision: 22-Apr-09
NTCS0603E3103FLT VISHAY-NTCS0603E3103FLT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3 VISHAY-NTCS0603E3_V01 Datasheet
120Kb / 3P
   SMD 0603, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0805E3T VISHAY-NTCS0805E3T Datasheet
139Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0402E3472HMT VISHAY-NTCS0402E3472HMT Datasheet
125Kb / 6P
   SMD 0402, Glass Protected NTC Thermistors
Revision: 04-Feb-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com