Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVS5MWBCR4 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OVS5MWBCR4
Description  Mini half-watt SMD 3.5mm (120째 Viewing Angle)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVS5MWBCR4 Datasheet(HTML) 3 Page - OPTEK Technologies

  OVS5MWBCR4 Datasheet HTML 1Page - OPTEK Technologies OVS5MWBCR4 Datasheet HTML 2Page - OPTEK Technologies OVS5MWBCR4 Datasheet HTML 3Page - OPTEK Technologies OVS5MWBCR4 Datasheet HTML 4Page - OPTEK Technologies OVS5MWBCR4 Datasheet HTML 5Page - OPTEK Technologies OVS5MWBCR4 Datasheet HTML 6Page - OPTEK Technologies OVS5MWBCR4 Datasheet HTML 7Page - OPTEK Technologies OVS5MWBCR4 Datasheet HTML 8Page - OPTEK Technologies OVS5MWBCR4 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue C 10/2011
Page 3 of 11
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Mini half-watt SMD 3.5mm
OVS5MxBCR4
Optical and Electrical Characteristics - White, Warm White (I
F = 150 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
White
3.0
3.4
4.1
V
Warm White
3.6
Φ
Luminous Flux
White
23.5
39.8
lm
Warm White
2 Θ½
50% Power Angle
----
120
----
deg
30.6
Optical and Electrical Characteristics - Blue, Green (I
F = 150 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
3.0
3.4
3.9
V
Φ
Luminous Flux
Blue
4.9
6.0
8.2
lm
Green
18.1
22.0
30.6
λ
D
Dominant Wavelength
Blue
460
465
470
nm
Green
520
525
535
2 Θ½
50% Power Angle
----
120
----
deg
Optical and Electrical Characteristics - Red, Amber, Yellow (I
F = 140 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
1.9
2.2
2.65
V
Φ
Luminous Intensity
Red
4500
7150
mcd
Amber
Yellow
λ
D
Dominant Wavelength
Red
620
625
630
nm
Amber
610
615
621
Yellow
585
590
594
IR
Reverse Current @ 12 V
----
10
----
µA
2 Θ½
50% Power Angle
----
120
----
deg
9000


Similar Part No. - OVS5MWBCR4

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVS5MWBCR4 TTELEC-OVS5MWBCR4 Datasheet
1Mb / 13P
   Robust energy-efficient design with long operating life
OVS5MWBCR4 TTELEC-OVS5MWBCR4 Datasheet
1Mb / 13P
   Low thermal resistance
OVS5MWBCR4 TTELEC-OVS5MWBCR4 Datasheet
1Mb / 13P
   Low thermal resistance
OVS5MWBCR4 TTELEC-OVS5MWBCR4 Datasheet
1,020Kb / 8P
   Robust energy-efficient design with long operating life
More results

Similar Description - OVS5MWBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
   1-Watt SMD 6mm (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
TT Electronics.
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
OPTEK Technologies
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
   5-Watt SMD 6mm White (120째 Viewing Angle)
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
   Full-Color Right-Angle SMD (120째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
   Full-Color Right-Angle SMD (120째 Viewing Angle)
logo
OPTEK Technologies
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
   White Side-Emitting SMD LED (120째 Viewing Angle)
OVSR9ABCR8 OPTEK-OVSR9ABCR8 Datasheet
1Mb / 4P
   Amber Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9BBCR8 OPTEK-OVSR9BBCR8 Datasheet
1Mb / 4P
   Blue Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9GBCR8 OPTEK-OVSR9GBCR8 Datasheet
2Mb / 4P
   Green Side-Emitting SMD LED(4 x 4 mm, 120째 Viewing Angle)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com