Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVS5MGBCR4 Datasheet(PDF) 4 Page - OPTEK Technologies

Part # OVS5MGBCR4
Description  Mini half-watt SMD 3.5mm (120째 Viewing Angle)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVS5MGBCR4 Datasheet(HTML) 4 Page - OPTEK Technologies

  OVS5MGBCR4 Datasheet HTML 1Page - OPTEK Technologies OVS5MGBCR4 Datasheet HTML 2Page - OPTEK Technologies OVS5MGBCR4 Datasheet HTML 3Page - OPTEK Technologies OVS5MGBCR4 Datasheet HTML 4Page - OPTEK Technologies OVS5MGBCR4 Datasheet HTML 5Page - OPTEK Technologies OVS5MGBCR4 Datasheet HTML 6Page - OPTEK Technologies OVS5MGBCR4 Datasheet HTML 7Page - OPTEK Technologies OVS5MGBCR4 Datasheet HTML 8Page - OPTEK Technologies OVS5MGBCR4 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue C
10/2011
Page 4 of 11
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Mini half-watt SMD 3.5mm
OVS5MxBCR4
Standard Bins
LEDs are sorted to luminous intensity (IV) or luminous flux (Φ) and dominant wavelength (nm) bins shown. Each
reel consists of a single intensity bin and a single color bin. Orders are filled using all intensity and color bins
listed in the following tables. Optek will not accept orders for single intensity bins or single color bins.
Dominant Wavelength (nm)
Amber: OVS5MABCR4
nm Code
Min (nm)
Max (nm)
W
610
615
X
615
621
Red: OVS5MRBCR4
nm Code
Min (nm)
Max (nm)
Full
620
630
Yellow: OVS5MYBCR4
nm Code
Min (nm)
Max (nm)
X
585
588
Y
588
591
Z
591
594
Luminous Intensity (IV ) @ 140mA
Amber: OVS5MABCR4
IV Code
Min (mcd)
Max (mcd)
Z1
4500
5600
Z2
5600
7150
AA
7150
9000
Red: OVS5MRBCR4
IV Code
Min (mcd)
Max (mcd)
Z1
4500
5600
Z2
5600
7150
AA
7150
9000
IV Code
Min (mcd)
Max (mcd)
Z1
4500
5600
Z2
5600
7150
AA
7150
9000
Yellow: OVS5MYBCR4
Luminous Flux (Φ) @ 150mA (lm)
Blue: OVS5MBBCR4
IV Code
Min (lm)
Max (lm)
H2
4.9
5.5
H3
5.5
6.3
J2
6.3
7.1
J3
7.1
8.2
Green: OVS5MGBCR4
IV Code
Min (lm)
Max (lm)
N2
18.1
20.6
N3
20.6
23.5
P2
23.5
26.8
P3
26.8
30.6
Blue: OVS5MBBCR4
nm Code
Min (nm)
Max (nm)
A
460
465
B
465
470
nm Code
Min (nm)
Max (nm)
A
520
525
B
525
530
C
530
535
Green: OVS5MGBCR4
Dominant Wavelength (nm)


Similar Part No. - OVS5MGBCR4

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVS5MGBCR4 TTELEC-OVS5MGBCR4 Datasheet
1Mb / 13P
   Robust energy-efficient design with long operating life
OVS5MGBCR4 TTELEC-OVS5MGBCR4 Datasheet
1Mb / 13P
   Low thermal resistance
OVS5MGBCR4 TTELEC-OVS5MGBCR4 Datasheet
1Mb / 13P
   Low thermal resistance
OVS5MGBCR4 TTELEC-OVS5MGBCR4 Datasheet
1,020Kb / 8P
   Robust energy-efficient design with long operating life
More results

Similar Description - OVS5MGBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
   1-Watt SMD 6mm (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
TT Electronics.
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
OPTEK Technologies
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
   5-Watt SMD 6mm White (120째 Viewing Angle)
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
   Full-Color Right-Angle SMD (120째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
   Full-Color Right-Angle SMD (120째 Viewing Angle)
logo
OPTEK Technologies
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
   White Side-Emitting SMD LED (120째 Viewing Angle)
OVSR9ABCR8 OPTEK-OVSR9ABCR8 Datasheet
1Mb / 4P
   Amber Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9BBCR8 OPTEK-OVSR9BBCR8 Datasheet
1Mb / 4P
   Blue Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9GBCR8 OPTEK-OVSR9GBCR8 Datasheet
2Mb / 4P
   Green Side-Emitting SMD LED(4 x 4 mm, 120째 Viewing Angle)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com