Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C485311 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C485311
Description  3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C485311 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C485311 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C485311 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C485311 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C485311 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C485311 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C485311 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PI6C485311
3.3V Low Skew 1-to-2
Differential to LVPECL Fanout Buffer
2
P8865D
11/14/06
Pin Description
Name
Pin #
Type
Description
VEE
5
P
Connect to Negative power supply
CLK
7
I_PD
Non-inverting differential clock input
nCLK
6
I_PU
Inverting differential clock input
VCC
8
P
Connect to 3.3V.
Q1, nQ1
3.4
O
Differential output pair, LVPECL interface level.
Q0, nQ 0
1,2
O
Differential output pair, LVPECL interface level.
Note:
1.
I = Input, O = Output, P = Power supply connection, I_PD = Input with pull down, I_PU = Input with pull up
Pin Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
CIN
Input Capacitance
4
pF
R_pullup
Input Pullup Resistance
50
R_pulldown
Input Pulldown Resistance
50
Absolute Maximum Ratings(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCC
Supply voltage
Referenced to GND
4.6
V
VIN
Input voltage
Referenced to GND
-0.5
VCC+0.5V
VOUT
Output voltage
Referenced to GND
-0.5
VCC+0.5V
TSTG
Storage temperature
-65
150
oC
Note:
1.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress speci
fications only and correct functional operation of the device at these or any other conditions above those listed in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
06-0283


Similar Part No. - PI6C485311

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4853111 PERICOM-PI6C4853111 Datasheet
498Kb / 5P
   2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
PI6C4853111FAE PERICOM-PI6C4853111FAE Datasheet
498Kb / 5P
   2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
PI6C4853111FAE PERICOM-PI6C4853111FAE Datasheet
629Kb / 5P
   2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
PI6C4853111 PERICOM-PI6C4853111_13 Datasheet
629Kb / 5P
   2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
PI6C485311WE PERICOM-PI6C485311WE Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
More results

Similar Description - PI6C485311

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
   LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
[Old version datasheet]   Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
logo
Integrated Circuit Syst...
ICS8531-01 ICST-ICS8531-01 Datasheet
145Kb / 13P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
logo
Integrated Circuit Syst...
ICS85304-01 ICST-ICS85304-01 Datasheet
154Kb / 13P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS85304I-01 IDT-ICS85304I-01 Datasheet
216Kb / 15P
   Low Skew, 1-to-5, Differential-To-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
8531-01 RENESAS-8531-01 Datasheet
411Kb / 19P
   Low Skew, 1-to-9, Differential-to- 3.3V LVPECL Fanout Buffer
January 19, 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com