Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK304 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # LNK304
Description  Lowest Component Count, Energy-Efficient Off-Line Switcher IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK304 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button LNK304 Datasheet HTML 4Page - Power Integrations, Inc. LNK304 Datasheet HTML 5Page - Power Integrations, Inc. LNK304 Datasheet HTML 6Page - Power Integrations, Inc. LNK304 Datasheet HTML 7Page - Power Integrations, Inc. LNK304 Datasheet HTML 8Page - Power Integrations, Inc. LNK304 Datasheet HTML 9Page - Power Integrations, Inc. LNK304 Datasheet HTML 10Page - Power Integrations, Inc. LNK304 Datasheet HTML 11Page - Power Integrations, Inc. LNK304 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Rev. J 06/13
8
LNK302/304-306
www.powerint.com
from AC input lines. It may be advantageous to place capacitors
C4 and C5 in-between LinkSwitch-TN and the AC input. The
second rectifier diode D4 is optional, but may be included for
better EMI performance and higher line surge withstand
capability.
Quick Design Checklist
As with any power supply design, all LinkSwitch-TN designs
should be verified for proper functionality on the bench. The
following minimum tests are recommended:
1. Adequate DC rail voltage – check that the minimum DC input
voltage does not fall below 70 VDC at maximum load,
minimum input voltage.
2. Correct Diode Selection – UF400x series diodes are recom-
mended only for designs that operate in MDCM at an
ambient of 70
°C or below. For designs operating in
continuous conduction mode (CCM) and/or higher ambients,
then a diode with a reverse recovery time of 35 ns or better,
such as the BYV26C, is recommended.
3. Maximum drain current – verify that the peak drain current is
below the data sheet peak drain specification under worst-
case conditions of highest line voltage, maximum overload
(just prior to auto-restart) and highest ambient temperature.
4. Thermal check – at maximum output power, minimum input
voltage and maximum ambient temperature, verify that the
LinkSwitch-TN SOURCE pin temperature is 100
°C or below.
This figure ensures adequate margin due to variations in
R
DS(ON) from part to part. A battery powered thermocouple
meter is recommended to make measurements when the
SOURCE pins are a switching node. Alternatively, the
ambient temperature may be raised to indicate margin to
thermal shutdown.
In a LinkSwitch-TN design using a buck or buck-boost converter
topology, the SOURCE pin is a switching node. Oscilloscope
measurements should therefore be made with probe grounded
to a DC voltage, such as primary return or DC input rail, and not
to the SOURCE pins. The power supply input must always be
supplied from an isolated source (e.g. via an isolation transformer).


Similar Part No. - LNK304

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
LNK304-306 FERYSTER-LNK304-306 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK304-306 POWERINT-LNK304-306 Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304D POWERINT-LNK304D Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK304D POWERINT-LNK304D Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304D POWERINT-LNK304D Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results

Similar Description - LNK304

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302_V01 Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com