Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBT20014 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT20014
Description  200MHz SAW Filter 9.15MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT20014 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT20014 Datasheet HTML 1Page - SIPAT Co,Ltd LBT20014 Datasheet HTML 2Page - SIPAT Co,Ltd LBT20014 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBT20014
Rev. Date
2012-10-19
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
200MHz SAW Filter
9.15MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LBT20014
LBT20014
LBT20014
LBT20014
Features
For IF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
199.8
200
200.2
Insertion Loss
dB
-
25.1
28
1dB Bandwidth
MHz
9.15
9.30
3dB Bandwidth
MHz
9.50
20dB Bandwidth
MHz
10.27
45dB Bandwidth
MHz
10.67
10.75
Passband Variation(f0±4.5MHz)
dB
-
0.9
1.2
Absolute Delay
us
-
2.32
Group Delay (f0±4.5MHz)
nsec
-
110
200
Ultimate Rejection
dB
48
50
Material Temperature coefficient
KHz/°C
-3.6
Substrate Material
-
112LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
25
Storage Temperature Range
°C
-45
-
+105
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
DIP2012
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBT20014

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT20013 SIPAT-LBT20013 Datasheet
316Kb / 3P
   200MHz SAW Filter 4.5MHz Bandwidth
LBT20015 SIPAT-LBT20015 Datasheet
322Kb / 3P
   200MHz SAW Filter 13.85MHz Bandwidth
LBT20016 SIPAT-LBT20016 Datasheet
324Kb / 3P
   200MHz SAW Filter 18.5MHz Bandwidth
More results

Similar Description - LBT20014

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07090 SIPAT-LBN07090 Datasheet
182Kb / 3P
   70MHz SAW Filter 9.15MHz Bandwidth
LBN20002 SIPAT-LBN20002 Datasheet
139Kb / 3P
   200MHz SAW Filter 61MHz Bandwidth
LBT20006 SIPAT-LBT20006 Datasheet
150Kb / 3P
   200MHz SAW Filter 19MHz Bandwidth
LBS20003 SIPAT-LBS20003 Datasheet
148Kb / 3P
   200MHz SAW Filter 4MHz Bandwidth
LBT20006 SIPAT-LBT20006 Datasheet
144Kb / 3P
   200MHz SAW Filter 19MHz Bandwidth
LBN20010 SIPAT-LBN20010 Datasheet
152Kb / 3P
   200MHz SAW Filter 75MHz Bandwidth
LBT20013 SIPAT-LBT20013 Datasheet
316Kb / 3P
   200MHz SAW Filter 4.5MHz Bandwidth
LBT20004 SIPAT-LBT20004 Datasheet
152Kb / 3P
   200MHz SAW Filter 9MHz Bandwidth
LBT20015 SIPAT-LBT20015 Datasheet
322Kb / 3P
   200MHz SAW Filter 13.85MHz Bandwidth
LBN20001 SIPAT-LBN20001 Datasheet
139Kb / 3P
   200MHz SAW Filter 76MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com