Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTS-6460G Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTS-6460G
Description  Property of Lite-On Only
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-6460G Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTS-6460G Datasheet HTML 1Page - Lite-On Technology Corporation LTS-6460G Datasheet HTML 2Page - Lite-On Technology Corporation LTS-6460G Datasheet HTML 3Page - Lite-On Technology Corporation LTS-6460G Datasheet HTML 4Page - Lite-On Technology Corporation LTS-6460G Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTS-6460G
PAGE:
3 of
5
BNS-OD-C131/A4
PIN CONNECTION
No.
CONNECTION
1
CATHODE
E
2
CATHODE
D
3
COMMON
ANODE
4
CATHODE
C
5
CATHODE
D.P.
6
CATHODE
B
7
CATHODE
A
8
COMMON
ANODE
9
CATHODE
F
10
CATHODE
G


Similar Part No. - LTS-6460G

ManufacturerPart #DatasheetDescription
logo
LEM
LTS-6-NP LEM-LTS-6-NP Datasheet
625Kb / 4P
   Current Transducer LTS 6-NP
logo
Lite-On Technology Corp...
LTS-6680E LITEON-LTS-6680E Datasheet
127Kb / 5P
   0.56 inch (14.22 mm) digit height single digit seven-segment display.
LTS-6760P LITEON-LTS-6760P Datasheet
131Kb / 5P
   0.56 inch (14.2mm) DIGIT HEIGHT
LTS-6780P LITEON-LTS-6780P Datasheet
139Kb / 5P
   0.56 inch (14.22mm) DIGIT HEIGHT.
LTS-6880Y LITEON-LTS-6880Y Datasheet
127Kb / 5P
   0.56inch (14.22mm) digit height single digit seven-segment display
More results

Similar Description - LTS-6460G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com