Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBT29504 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT29504
Description  295MHz SAW Filter 18.5MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT29504 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT29504 Datasheet HTML 1Page - SIPAT Co,Ltd LBT29504 Datasheet HTML 2Page - SIPAT Co,Ltd LBT29504 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBT29504
Rev. Date
2012-10-19
Ver.
1.0
Page
3/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
295MHz SAW Filter
18.5MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBT29504
T29504
T29504
T29504
Typical Performance
Frequency Response
Passband Response
260
270
280
290
300
310
320
330
-118.954
-108.954
-98.954
-88.954
-78.954
-68.954
-58.954
-48.954
-38.954
-28.954
-18.954
Type Performance
Frequency(MHz)
285
290
295
300
305
-31.454
-30.954
-30.454
-29.954
-29.454
-28.954
-28.454
-27.954
-27.454
-26.954
-26.454
Type Performance
Frequency(MHz)
Horizontal: 10MHz/Div
Vertical: 10dB/Div
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation
Phase Linearity
285
290
295
300
305
1900
2000
2100
2200
2300
2400
2500
X: 304
Y: 2244
Type Performance
Frequency(MHz)
X: 286
Y: 2257
285
290
295
300
305
-20
-15
-10
-5
0
5
10
15
20
X: 286
Y: 0.2642
Type Performance
Frequency(MHz)
X: 304
Y: 3.369
Horizontal: 0.5MHz/Div
Vertical: 100ns/Div
Horizontal: 5MHz/Div
Vertical: 5deg/Div
S11
S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBT29504

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT29502 SIPAT-LBT29502 Datasheet
322Kb / 3P
   295MHz SAW Filter 9.25MHz Bandwidth
LBT29503 SIPAT-LBT29503 Datasheet
324Kb / 3P
   295MHz SAW Filter 13.75MHz Bandwidth
More results

Similar Description - LBT29504

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT29502 SIPAT-LBT29502 Datasheet
322Kb / 3P
   295MHz SAW Filter 9.25MHz Bandwidth
LBT20016 SIPAT-LBT20016 Datasheet
324Kb / 3P
   200MHz SAW Filter 18.5MHz Bandwidth
LBT29503 SIPAT-LBT29503 Datasheet
324Kb / 3P
   295MHz SAW Filter 13.75MHz Bandwidth
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
   70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
   70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
   70MHz SAW Filter 13.35MHz Bandwidth
LBT13005 SIPAT-LBT13005 Datasheet
286Kb / 3P
   130MHz SAW Filter 4.4MHz Bandwidth
LBT14050 SIPAT-LBT14050 Datasheet
280Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBT14080 SIPAT-LBT14080 Datasheet
271Kb / 3P
   140MHz SAW Filter 8MHz Bandwidth
LBT16035 SIPAT-LBT16035 Datasheet
282Kb / 3P
   160MHz SAW Filter 14MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com