Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBT30701 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBT30701
Description  307.2MHz SAW Filter 4.6MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT30701 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBT30701 Datasheet HTML 1Page - SIPAT Co,Ltd LBT30701 Datasheet HTML 2Page - SIPAT Co,Ltd LBT30701 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBT30701
Rev. Date
2013-09-18
Ver.
1.0
Page
2/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
307.2MHz SAW Filter
4.6MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBT30701
T30701
T30701
T30701
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.
Matching Configuration
手动测试座
L1=L2=22nH
C1=4.7pf
C2=18pf
Source/Load
Source/Load
Source/Load
Source/Load Impedance=50
Impedance=50
Impedance=50
Impedance=50 ohm
ohm
ohm
ohm
Notes - Component values may change depending
on board layout.
Package Dimension
4
3
2
5
6
7
8
9
10
1
1
3
2
9
10
8
7
6
5
4
7.00±0.15
0.60
1.00
1.27
SIPAT
LBT30701
XXYYZZ
Pad
Pad
Pad
Pad Configuration
Configuration
Configuration
Configuration::::
Input
9
Output
4
Ground the others
Marking
Marking
Marking
Marking Configuration
Configuration
Configuration
Configuration::::
1) SIPAT: Manufacturer Name
2) LBT30701: Part Number
3) XXYY: Date(Year/month)
4) ZZ: Identified Code
Package:
Package:
Package:
Package: SMD7.0*5.0
SMD7.0*5.0
SMD7.0*5.0
SMD7.0*5.0
Unit:
Unit:
Unit:
Unit: mm
mm
mm
mm


Similar Part No. - LBT30701

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT34.368A SIPAT-LBT34.368A Datasheet
69Kb / 1P
   SAW filter technical specification
LBT34003 SIPAT-LBT34003 Datasheet
160Kb / 3P
   340MHz SAW Filter 8MHz Bandwidth
LBT34003 SIPAT-LBT34003 Datasheet
160Kb / 3P
   340MHz SAW Filter 8MHz Bandwidth
LBT34368A SIPAT-LBT34368A Datasheet
68Kb / 1P
   SAW filter technical specification
LBT35005 SIPAT-LBT35005 Datasheet
143Kb / 3P
   350MHz SAW Filter 14MHz Bandwidth
More results

Similar Description - LBT30701

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT08024 SIPAT-LBT08024 Datasheet
141Kb / 3P
   80MHz SAW Filter 4.6MHz Bandwidth
LBT08024 SIPAT-LBT08024 Datasheet
146Kb / 3P
   80MHz SAW Filter 4.6MHz Bandwidth
LBT15801 SIPAT-LBT15801 Datasheet
255Kb / 3P
   157.8MHz SAW Filter 4.6MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB1052A TAI-SAW-TB1052A Datasheet
309Kb / 7P
   SAW Filter 307.2MHz 62MHz BW (SMD 7.0횞5.0 mm)
TB1031A TAI-SAW-TB1031A Datasheet
297Kb / 7P
   SAW Filter 307.2MHz 41MHz BW (SMD 7.0횞5.0 mm)
TB1180A TAI-SAW-TB1180A Datasheet
177Kb / 7P
   SAW Filter 307.2MHz 41MHz BW (SMD 9.1횞7.1 mm)
logo
SIPAT Co,Ltd
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
   70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
   70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
   70MHz SAW Filter 13.35MHz Bandwidth
LBT13005 SIPAT-LBT13005 Datasheet
286Kb / 3P
   130MHz SAW Filter 4.4MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com