Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMK105BJ102V-F Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # UMK105BJ102V-F
Description  Multilayer Ceramic Capacitors (High dielectric type)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMK105BJ102V-F Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  UMK105BJ102V-F Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc UMK105BJ102V-F Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc UMK105BJ102V-F Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc UMK105BJ102V-F Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc UMK105BJ102V-F Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc UMK105BJ102V-F Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc UMK105BJ102V-F Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc UMK105BJ102V-F Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc UMK105BJ102V-F Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
5
c_mlcc_e-E02R01
■Temperature compensating type
Code
Applicable
standard
Temperature
range[℃]
Ref. Temp.[℃]
Capacitance change
Capacitance
tolerance
Tolerance
code
CG
EIA
C0G
-55~+125
25
0±60ppm/℃
±0.1pF
B
±0.25pF
C
±0.5pF
D
±1pF
F
±5%
J
CH
JIS
CH
-55~+125
20
0±60ppm/℃
±0.1pF
B
±0.25pF
C
±0.5pF
D
EIA
C0H
25
±1pF
F
±5%
J
±10%
K
CJ
JIS
CJ
-55~+125
20
0±120ppm/℃
±0.25pF
C
EIA
C0J
25
CK
JIS
CK
-55~+125
20
0±250ppm/℃
±0.25pF
C
EIA
C0J
25
UJ
JIS
UJ
-55~+125
20
-750±120ppm/℃
±0.25pF
C
EIA
U2J
25
±0.5pF
D
±5%
J
UK
JIS
UK
-55~+125
20
-750±250ppm/℃
±0.5pF
C
EIA
U2K
-55~+125
25
SL
JIS
SL
-55~+125
20
+350~-1000ppm/℃
±5%
J
⑥Series code
(Super low distortion multilayer ceramic capacitor(CFCAPTM)only)
Code
Series code
SD
Standard
⑦Nominal capacitance
Code
(example)
Nominal capacitance
0R5
0.5pF
010
1pF
100
10pF
101
100pF
102
1,000pF
103
10,000pF
104
0.1μF
105
1.0μF
106
10μF
107
100μF
Note : R=Decimal point
⑧Capacitance tolerance
Code
Capacitance tolerance
B
±0.1pF
C
±0.25pF
D
±0.5pF
F
±1pF
G
±2%
J
±5%
K
±10%
M
±20%
Z
+80/-20%
⑨Thickness
Code
Thickness[mm]
C
0.2
D
P
0.3
T
K
0.45
V
0.5
W
A
0.8
D
0.85(212type or more)
F
1.15
G
1.25
L
1.6
N
1.9
Y
2.0 max
M
2.5
⑩Special code
Code
Special code
Standard
⑪Packaging
Code
Packaging
F
φ178mm Taping (2mm pitch)
T
φ178mm Taping (4mm pitch)
P
φ178mm Taping (4mm pitch, 1000 pcs/reel)
325 type(Thickness code M)
W
φ178mm Taping(1mm pitch)042type only
⑫Internal code
Code
Internal code
Standard


Similar Part No. - UMK105BJ102V-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK105BJ102KV-F TAIYO-YUDEN-UMK105BJ102KV-F Datasheet
285Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
UMK105BJ102KV8F TAIYO-YUDEN-UMK105BJ102KV8F Datasheet
483Kb / 3P
   MLCC (High dielectric type) for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
UMK105BJ102KVHF TAIYO-YUDEN-UMK105BJ102KVHF Datasheet
288Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
UMK105BJ102MV-F TAIYO-YUDEN-UMK105BJ102MV-F Datasheet
285Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
UMK105BJ102MV8F TAIYO-YUDEN-UMK105BJ102MV8F Datasheet
483Kb / 3P
   MLCC (High dielectric type) for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
More results

Similar Description - UMK105BJ102V-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK063BJ153KP-F TAIYO-YUDEN-EMK063BJ153KP-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK105CBJ225KV-F TAIYO-YUDEN-TMK105CBJ225KV-F Datasheet
396Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
UMK325B7475MM-P TAIYO-YUDEN-UMK325B7475MM-P Datasheet
440Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
UMK325BJ106KM-P TAIYO-YUDEN-UMK325BJ106KM-P Datasheet
441Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
JMK105C6225KV-F TAIYO-YUDEN-JMK105C6225KV-F Datasheet
408Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
JMK316AC7476ML-T TAIYO-YUDEN-JMK316AC7476ML-T Datasheet
409Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
UMK325AB7106KM-P TAIYO-YUDEN-UMK325AB7106KM-P Datasheet
438Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
UMK325BJ106MM-P TAIYO-YUDEN-UMK325BJ106MM-P Datasheet
441Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
EMK063BJ153MP-F TAIYO-YUDEN-EMK063BJ153MP-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK105AC6105KV-F TAIYO-YUDEN-TMK105AC6105KV-F Datasheet
396Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK325ABJ476MM-P TAIYO-YUDEN-TMK325ABJ476MM-P Datasheet
441Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com