Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC380Q8 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # MTC380Q8
Description  N- AND P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC380Q8 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button MTC380Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 9Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 10Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C836Q8
Issued Date : 2012.06.25
Revised Date :
Page No. : 6/ 12
MTC380Q8
CYStek Product Specification
N-channel Characteristic Curves(Cont.)
Typical Transfer Characteristics
0
5
10
15
20
25
02
4
6
8
10
12
VGS, Gate-Source Voltage(V)
VDS=10V
Single Pulse Power Rating, Junction to Ambient
(Note on page 2)
0.1
1
10
100
1000
0.0001 0.001
0.01
0.1
1
10
100
1000
Pulse Width(s)
TJ(MAX)=175°C
TA=25°C
θJA=135°C/W
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*RθJA(t)
4.RθJA=135°C/W


Similar Part No. - MTC380Q8

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MTC30 ARCH-MTC30 Datasheet
288Kb / 4P
   Switching Power Module for PCB Mountable
logo
XP Power Limited
MTC30 XPPOWER-MTC30 Datasheet
9Mb / 36P
   COTS Component for Defense & Avionics Applications
logo
Arch Electronics Corp.
MTC30 ARCH-MTC30 Datasheet
204Kb / 3P
   AC - D C I T E & M e d i c a l P o w e r M o d u l e
MTC30-12S ARCH-MTC30-12S Datasheet
189Kb / 3P
   Switching Power Module for PCB Mountable
MTC30-12S ARCH-MTC30-12S Datasheet
204Kb / 3P
   AC - D C I T E & M e d i c a l P o w e r M o d u l e
More results

Similar Description - MTC380Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8 CYSTEKEC-MTBA6C15Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTB25C04Q8 CYSTEKEC-MTB25C04Q8 Datasheet
489Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC2790KQ8 CYSTEKEC-MTC2790KQ8 Datasheet
478Kb / 13P
   N- And P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8_16 Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C12Q8 CYSTEKEC-MTBA6C12Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com