Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC380Q8 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTC380Q8
Description  N- AND P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC380Q8 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTC380Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTC380Q8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C836Q8
Issued Date : 2012.06.25
Revised Date :
Page No. : 2/ 12
MTC380Q8
CYStek Product Specification
Absolute Maximum Ratings (TC=25
°C, unless otherwise noted)
Limits
Parameter
Symbol
N-channel
P-channel
Unit
Drain-Source Breakdown Voltage
BVDSS
100
-100
V
Gate-Source Voltage
VGS
±
20
±
20
V
Continuous Drain Current @TC=25
°C, VGS=10V(-10V)
ID
3.2
-2.5
A
Continuous Drain Current @TC=100
°C, VGS=10V(-10V)
ID
2.3
-1.8
A
Pulsed Drain Current (Note 1)
IDM
12
-10
A
Power Dissipation @TA=25°C
2.4
Power Dissipation @TA=100°C
PD
1.3
W
Operating Junction and Storage Temperature Range
Tj; Tstg
-55~+175
°C
Thermal Resistance, Junction-to-Case
RθJC
25
°C/W
Thermal Resistance, Junction-to-Ambient (Note 2)
RθJA
62.5
°C/W
Note : 1.Pulse width limited by maximum junction temperature.
2.Surface mounted on 1 in² copper pad of FR-4 board, 135
°C/W when mounted on minimum copper pad.
N-Channel Electrical Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
100
-
-
V
VGS=0, ID=250μA
VGS(th)
1.0
1.9
2.5
V
VDS=VGS, ID=250μA
IGSS
-
-
±100
nA
VGS=±20V, VDS=0
-
-
1
μA
VDS=80V, VGS=0
IDSS
-
-
25
μA
VDS=70V, VGS=0, Tj=125
°C
*ID(ON)
12
-
-
A
VGS=10V, VDS=5V
-
88
115
ID=2.5A, VGS=10V
*RDS(ON)
-
91
120
m
Ω
ID=2A, VGS=5V
*GFS
-
9
-
S
VDS=5V, ID=2.5A
Dynamic
Ciss
-
1689
-
Coss
-
53
-
Crss
-
38
-
pF
VDS=20V, VGS=0, f=1MHz
*td(ON)
-
17
-
*tr
-
45
-
*td(OFF)
-
45
-
*tf
-
18
-
ns
VDS=50V, ID=1A, VGS=10V, RG=6Ω
*Qg
-
20.8
-
*Qgs
-
5.8
-
*Qgd
-
7.2
-
nC
VDS=80V, ID=3.2A, VGS=10V
Body Diode
*VF(S-D)
-
0.78
1.3
V
VGS=0V, IF=3A
*IS
-
3
-
*ISM
-
12
-
A
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Similar Part No. - MTC380Q8

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MTC30 ARCH-MTC30 Datasheet
288Kb / 4P
   Switching Power Module for PCB Mountable
logo
XP Power Limited
MTC30 XPPOWER-MTC30 Datasheet
9Mb / 36P
   COTS Component for Defense & Avionics Applications
logo
Arch Electronics Corp.
MTC30 ARCH-MTC30 Datasheet
204Kb / 3P
   AC - D C I T E & M e d i c a l P o w e r M o d u l e
MTC30-12S ARCH-MTC30-12S Datasheet
189Kb / 3P
   Switching Power Module for PCB Mountable
MTC30-12S ARCH-MTC30-12S Datasheet
204Kb / 3P
   AC - D C I T E & M e d i c a l P o w e r M o d u l e
More results

Similar Description - MTC380Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8 CYSTEKEC-MTBA6C15Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTB25C04Q8 CYSTEKEC-MTB25C04Q8 Datasheet
489Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC2790KQ8 CYSTEKEC-MTC2790KQ8 Datasheet
478Kb / 13P
   N- And P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8_16 Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C12Q8 CYSTEKEC-MTBA6C12Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com