Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMK105BJ105V-F Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # TMK105BJ105V-F
Description  Multilayer Ceramic Capacitors (High dielectric type)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TMK105BJ105V-F Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  TMK105BJ105V-F Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc TMK105BJ105V-F Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc TMK105BJ105V-F Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc TMK105BJ105V-F Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc TMK105BJ105V-F Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc TMK105BJ105V-F Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc TMK105BJ105V-F Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc TMK105BJ105V-F Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc TMK105BJ105V-F Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
4
c_mlcc_e-E02R02
MULTILAYER CERAMIC CAPACITORS
PARTS NUMBER
J
M
K
3
1
6
B
J
1
0
6
M
L
T
△=Blank space
① ② ③
⑧ ⑨ ⑩ ⑪ ⑫
①Rated voltage
Code
Rated voltage[VDC]
P
2.5
A
4
J
6.3
L
10
E
16
T
25
G
35
U
50
H
100
Q
250
S
630
②Series name
Code
Series name
M
Multilayer ceramic capacitor
V
Multilayer ceramic capacitor for high frequency
W
LW reverse type multilayer capacitor
③End termination
Code
End termination
K
Plated
S
Cu Internal Electrodes
④Dimension(L×W)
Type
Dimensions
(L×W)[mm]
EIA(inch)
042
0.4 × 0.2
01005
063
0.6 × 0.3
0201
105
1.0 × 0.5
0402
0.52× 1.0 ※
0204
107
1.6 × 0.8
0603
0.8 × 1.6 ※
0306
212
2.0 × 1.25
0805
1.25× 2.0 ※
0508
316
3.2 × 1.6
1206
325
3.2 × 2.5
1210
432
4.5 × 3.2
1812
Note : ※LW reverse type(□WK) only
⑤Dimension tolerance
Code
Type
L[mm]
W[mm]
T[mm]
ALL
Standard
Standard
Standard
A
063
0.6±0.05
0.3±0.05
0.3±0.05
105
1.0±0.10
0.5±0.10
0.5±0.10
107
1.6+0.15/-0.05
0.8+0.15/-0.05
0.8+0.15/-0.05
212
2.0+0.15/-0.05
1.25+0.15/-0.05
0.45±0.05
0.85±0.10
1.25+0.15/-0.05
316
3.2±0.20
1.6±0.20
0.85±0.10
1.6±0.20
325
3.2±0.30
2.5±0.30
2.5±0.30
B
105
1.0+0.15/-0.05
0.5+0.15/-0.05
0.5+0.15/-0.05
107
1.6+0.20/-0
0.8+0.20/-0
0.45±0.05
0.8+0.20/-0
212
2.0+0.20/-0
1.25+0.20/-0
0.85±0.10
1.25+0.20/-0
316
3.2±0.30
1.6±0.30
1.6±0.30
C
105
1.0+0.20/-0
0.5+0.20/-0
0.5+0.20/-0
Note: P.6 Standard external dimensions
△= Blank space
⑥Temperature characteristics code
■High dielectric type(Excluding Super low distortion multilayer ceramic capacitor(CFCAPTM))
Code
Applicable
standard
Temperature
range[℃]
Ref. Temp.[℃]
Capacitance change
Capacitance
tolerance
Tolerance
code
BJ
JIS
B
-25~+ 85
20
±10%
±10%
K
±20%
M
EIA
X5R
-55~+ 85
25
±15%
±10%
K
±20%
M
B7
EIA
X7R
-55~+125
25
±15%
±10%
K
±20%
M
C6
EIA
X6S
-55~+105
25
±22%
±10%
K
±20%
M
C7
EIA
X7S
-55~+125
25
±22%
±10%
K
±20%
M
LD(※)
EIA
X5R
-55~+ 85
25
±15%
±10%
K
±20%
M
△F
JIS
F
-25~+ 85
20
+30/-80%
+80/-20%
Z
EIA
Y5V
-30~+ 85
25
+22/-82%
+80/-20%
Z
Note : ※.LD Low distortion high value multilayer ceramic capacitor
△= Blank space
MULTILAYER CERAMIC CAPACITORS
REFLOW
WAVE


Similar Part No. - TMK105BJ105V-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK105BJ105KV-F TAIYO-YUDEN-TMK105BJ105KV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK105BJ105MV-F TAIYO-YUDEN-TMK105BJ105MV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - TMK105BJ105V-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK063BJ153KP-F TAIYO-YUDEN-EMK063BJ153KP-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK105CBJ225KV-F TAIYO-YUDEN-TMK105CBJ225KV-F Datasheet
396Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
UMK325B7475MM-P TAIYO-YUDEN-UMK325B7475MM-P Datasheet
440Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
UMK325BJ106KM-P TAIYO-YUDEN-UMK325BJ106KM-P Datasheet
441Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
JMK105C6225KV-F TAIYO-YUDEN-JMK105C6225KV-F Datasheet
408Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
JMK316AC7476ML-T TAIYO-YUDEN-JMK316AC7476ML-T Datasheet
409Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
UMK325AB7106KM-P TAIYO-YUDEN-UMK325AB7106KM-P Datasheet
438Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
UMK325BJ106MM-P TAIYO-YUDEN-UMK325BJ106MM-P Datasheet
441Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
EMK063BJ153MP-F TAIYO-YUDEN-EMK063BJ153MP-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK105AC6105KV-F TAIYO-YUDEN-TMK105AC6105KV-F Datasheet
396Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK325ABJ476MM-P TAIYO-YUDEN-TMK325ABJ476MM-P Datasheet
441Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com