Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC4506Q8 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTC4506Q8
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC4506Q8 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTC4506Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTC4506Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTC4506Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTC4506Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTC4506Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTC4506Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTC4506Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTC4506Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTC4506Q8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C780Q8
Issued Date : 2012.05.17
Revised Date :
Page No. : 4/12
MTC4506Q8
CYStek Product Specification
Typical Characteristics : Q1( N-channel )
Typical Output Characteristics
0
5
10
15
20
012
345
VDS, Drain-Source Voltage(V)
VGS=3V
10V, 9V, 8V, 7V, 6V, 5V, 4V
VGS=2V
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1
1.2
1.4
-60
-20
20
60
100
140
180
Tj, Junction Temperature(°C)
ID=250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
10
100
1000
0.01
0.1
1
10
100
ID, Drain Current(A)
VGS=10V
VGS=2.5V
VGS=3V
VGS=4.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
02468
1
IDR, Reverse Drain Current(A)
0
Tj=25°C
Tj=150°C
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
10
20
30
40
50
60
70
80
90
100
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-60 -40 -20
0
20 40
60 80 100 120 140 160
Tj, Junction Temperature(°C)
VGS=10V, ID=5A
RDS(ON)@Tj=25°C : 28mΩ typ.
VGS, Gate-Source Voltage(V)
ID=5A


Similar Part No. - MTC4506Q8

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
MTC4506Q8 DOINGTER-MTC4506Q8 Datasheet
3Mb / 7P
   N-Chanel and P-Channel MOSFET use advanced trench technology
More results

Similar Description - MTC4506Q8

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com