Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC6601G6 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTC6601G6
Description  P-Channel Enhancement Mode MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC6601G6 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTC6601G6 Datasheet HTML 1Page - Cystech Electonics Corp. MTC6601G6 Datasheet HTML 2Page - Cystech Electonics Corp. MTC6601G6 Datasheet HTML 3Page - Cystech Electonics Corp. MTC6601G6 Datasheet HTML 4Page - Cystech Electonics Corp. MTC6601G6 Datasheet HTML 5Page - Cystech Electonics Corp. MTC6601G6 Datasheet HTML 6Page - Cystech Electonics Corp. MTC6601G6 Datasheet HTML 7Page - Cystech Electonics Corp. MTC6601G6 Datasheet HTML 8Page - Cystech Electonics Corp. MTC6601G6 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C813G6
Issued Date : 2012.09.17
Revised Date : 2012.11.21
Page No. : 5/13
MTC6601G6
CYStek Product Specification
N-channel Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
0.1
1
10
100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
1.6
-60 -40 -20
0
20 40
60 80 100 120 140 160
Tj, Junction Temperature(°C)
ID=250μA
Single Pulse Power Rating, Junction to Ambient
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
Pulse Width(s)
TJ(MAX)=150°C
TA=25°C
θJA=110°C/W
Gate Charge Characteristics
0
1
2
3
4
5
01
23
4
56
Qg, Total Gate Charge(nC)
VDS=15V
ID=3A
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS, Drain-Source Voltage(V)
DC
10ms
100ms
1ms
100μs
TA=25°C, Tj=150°C,
VGS=10V, RθJA=110°C/W
Single Pulse
RDS(ON)
Limited
Maximum Drain Current vs JunctionTemperature
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C, VGS=10V, RθJA=110°C/W


Similar Part No. - MTC6601G6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC6601DFA6 CYSTEKEC-MTC6601DFA6 Datasheet
887Kb / 14P
   N-AND P-Channel Enhancement Mode MOSFET
MTC6601DFA6-0-T1-G CYSTEKEC-MTC6601DFA6-0-T1-G Datasheet
887Kb / 14P
   N-AND P-Channel Enhancement Mode MOSFET
MTC6601N6 CYSTEKEC-MTC6601N6 Datasheet
514Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
MTC6601N6-0-T1-G CYSTEKEC-MTC6601N6-0-T1-G Datasheet
514Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results

Similar Description - MTC6601G6

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com