Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD120C10KQ8 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTD120C10KQ8
Description  P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTD120C10KQ8 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTD120C10KQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 8Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C945Q8
Issued Date : 2014.01.03
Revised Date :
Page No. : 3/12
MTD120C10KQ8
CYStek Product Specification
Body Diode
*VSD
-
0.79
1.3
V
VGS=0V, IS=2A
*IS
-
-
2.4
*ISM
-
-
12
A
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
P-Channel Electrical Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-100
-
-
VGS=0V, ID=-250μA
VGS(th)
-1.0
-1.9
-2.5
V
VDS=VGS, ID=-250μA
IGSS
-
-
±10
VGS=±20V, VDS=0V
-
-
-1
VDS=-80V, VGS=0V
IDSS
-
-
-25
μA
VDS=-70V, VGS=0V, Tj=125
°C
-
102
130
ID=-2A, VGS=-10V
*RDS(ON)
-
122
150
m
Ω
ID=-1.5A, VGS=-4.5V
*GFS
-
6.7
-
S
VDS=-10V, ID=-2A
Dynamic
Ciss
-
1243
-
Coss
-
126
-
Crss
-
59
-
pF
VDS=-20V, VGS=0, f=1MHz
*td(ON)
-
22
-
*tr
-
10
-
*td(OFF)
-
45
-
*tf
-
16
-
ns
VDS=-50V, ID=-1A, VGS=-10V, RG=6Ω
*Qg
-
25
-
*Qgs
-
3.4
-
*Qgd
-
7.7
-
nC
VDS=-80V, ID=-2.8A, VGS=-10V
Body Diode
*VSD
-
-0.75
-1.3
V
VGS=0V, IS=-2A
*IS
-
-
-2.8
*ISM
-
-
-14
A
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Recommended Soldering Footprint


Similar Part No. - MTD120C10KQ8

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
MTD120C10KQ8 DOINGTER-MTD120C10KQ8 Datasheet
2Mb / 7P
   N-Channel and P-Channel MOSFET uses advanced trench technology
More results

Similar Description - MTD120C10KQ8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC2402Q8 CYSTEKEC-MTC2402Q8 Datasheet
382Kb / 13P
   P-Channel Logic Level Enhancement Mode MOSFET
MTC1016S6R CYSTEKEC-MTC1016S6R Datasheet
363Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
P1203EEA UNIKC-P1203EEA Datasheet
910Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5B7BA UNIKC-PE5B7BA Datasheet
906Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5A1BA UNIKC-PE5A1BA Datasheet
886Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE537BA UNIKC-PE537BA Datasheet
536Kb / 5P
   P-Channel Logic Level Enhancement Mode MOSFET
PK5A1BA UNIKC-PK5A1BA Datasheet
813Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
P5103EMG UNIKC-P5103EMG Datasheet
761Kb / 8P
   P-Channel Logic Level Enhancement Mode MOSFET
PK5B3BA UNIKC-PK5B3BA Datasheet
818Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTC2590V8 CYSTEKEC-MTC2590V8 Datasheet
418Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
PK501BA UNIKC-PK501BA Datasheet
810Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com