Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-8388 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P-8388
Description  POWER TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P-8388 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P-8388 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image

P O W E R T R A N S F O R M E R S
All Primaries 50/60 Hz.
Single Secondary
Insulation
DImensIons-Inches
sTAncoR
Test
PART
Primary
secondary
Rms
Termination
case
mounting
Weight
Agency
sec. nUmBeR
Volts
Volts
Amps. style
Volts
Pri.
sec.
h
W
D
mW
mD
(lbs.) certification
A
P-8666
117
24.0 C.T.
12.0
NV
1500
Leads
Leads
4.63
3.75
4.63
3.00
3.19
11.2
P-6469
117
25.2
1.00
A
1500
Leads
Leads
2.00
3.25
2.13
2.81
-
1.40
-
P-8707
230
25.2
1.00
A
1500
Leads
Leads
2.00
3.25
2.13
2.81
-
1.40
-
P-8180
117
25.2 C.T.
1.00
A
1500
Leads
Leads
2.00
3.25
2.25
2.81
-
1.40
-
B
P-8357
117
25.2 C.T.
2.00
A
1500
Leads
Leads
2.63
4.00
2.25
3.56
-
2.20
P-8574
115/230
25.2 C.T.
2.00
A
1500
Leads
Leads
2.63
4.00
2.25
3.56
-
2.20
P-8388
117
25.2 C.T.
2.80
A
1500
Leads
Leads
2.63
4.00
2.25
3.56
-
2.20
-
P-8607‡
117
26.0 C.T.
0.25
A
2500
Leads
Leads
1.75
2.88
1.75
2.38
-
0.70
-
C
P-8609
117
26.8 C.T.
1.00
A
1500
Leads
Leads
2.00
3.25
2.13
2.81
-
1.30
-
P-8601
117
28.0 C.T.
0.175
A
1500
Leads
Leads
1.38
2.38
1.50
2.00
-
0.35
-
P-8602
117
28.0 C.T.
0.30
A
1500
Leads
Leads
1.75
2.88
1.63
2.38
-
0.60
-
P-8667
117
28.0 C.T.
1.00
A
1500
Leads
Leads
2.00
3.25
2.13
2.81
-
1.40
-
D
P-8668
117
28.0 C.T.
2.00
NV
1500
Leads
Leads
3.13
2.50
2.50
2.00
2.19
2.90
-
P-8669
117
28.0 C.T.
4.00
NV
1500
Leads
Leads
3.88
3.19
3.25
2.50
2.50
5.30
-
P-8670
117
28.0 C.T.
6.00
NV
1500
Leads
Leads
4.25
3.44
3.50
2.75
2.63
7.00
-
P-8611
117
36.0 C.T.
0.135
A
1500
Leads
Leads
1.38
2.38
1.38
2.00
-
0.35
-
E
P-8612
117
36.0 C.T.
0.30
A
1500
Leads
Leads
1.75
2.88
1.63
2.38
-
0.60
-
P-8613
117
36.0 C.T.
0.55
A
1500
Leads
Leads
2.00
3.25
1.88
2.81
-
1.00
-
P-8671
117
36.0 C.T.
1.00
A
1500
Leads
Leads
2.38
3.75
2.25
3.13
-
2.00
-
P-8672
117
36.0 C.T.
2.00
NV
1500
Leads
Leads
3.50
2.81
2.75
2.25
2.13
3.50
-
F
P-8673
117
36.0 C.T.
4.00
NV
1500
Leads
Leads
4.19
3.50
2.88
2.75
2.38
6.00
-
P-8674
117
36.0 C.T.
6.00
NV
1500
Leads
Leads
4.25
3.75
3.06
3.00
2.47
8.30
-
P-8542
115/230
40.0 C.T.
0.25
A
2500
Leads
Leads
1.75
2.88
1.63
2.38
-
0.80
-
P-8566
115
40.0 C.T.
4.00
NV
1500
Leads
Leads
3.81
3.19
3.50
2.50
2.88
6.40
-
P-8605‡‡
117
48.0 C.T.
1.00
A
2500
Leads
Leads
2.63
4.00
2.38
3.56
-
2.30
-
‡ Primary Tapped to Provide Secondary Voltages of 24.5 C.T., 27.5 C.T. or 29.0 C.T.
‡ ‡ Primary Tapped to Provide Secondary Voltages of 45 C.T., 48 C.T. 51 C.T. or 54 C.T.
styleA
stylenV
stylec
Agency Certification Note: UL Recognized (File E68100, Guide #XPTQ2)
sTAncoR
Insulation
DImensIons-Inches
PART
Primary
secondary
Test
Termination
case
mounting
Weight
Agency
sec. nUmBeR Volts
Volts
Amps
style
RmsVolts
Primary
secondary
h
W
D
mW
mD
(lbs.)
certif.
G
P-8684**
115
18.0 C.T.
1.00
NH
1500
Lugs
Lugs
2.56
3.00
2.50
2.50
2.00
2.3
-
18.0 C.T.
1.00
** For 60 Hz. only
Single Primary, Dual Secondary


Similar Part No. - P-8388

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-8388 ETC2-P-8388 Datasheet
416Kb / 3P
   POWER TRANS FORMERS
More results

Similar Description - P-8388

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD4D11 SUMIDA-CMD4D11_07 Datasheet
119Kb / 2P
   Power Transformers
logo
Frontier Electronics.
LAMINATED FRONTIER-LAMINATED Datasheet
133Kb / 1P
   Power Transformers
logo
List of Unclassifed Man...
N-9MG ETC2-N-9MG Datasheet
153Kb / 2P
   Power Transformers
logo
Sumida Corporation
CMD6D11B SUMIDA-CMD6D11B_07 Datasheet
121Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
F-55X TRIAD-F-55X Datasheet
241Kb / 3P
   Power Transformers
logo
Sumida Corporation
CMD5D13 SUMIDA-CMD5D13_07 Datasheet
134Kb / 2P
   Power Transformers
CMD4D13 SUMIDA-CMD4D13 Datasheet
122Kb / 2P
   Power Transformers
logo
Pulse A Technitrol Comp...
P5000NL PULSE-P5000NL Datasheet
66Kb / 1P
   POWER TRANSFORMERS
logo
Sumida Corporation
CMD4D08 SUMIDA-CMD4D08_07 Datasheet
122Kb / 2P
   Power Transformers
logo
List of Unclassifed Man...
N-68X ETC2-N-68X Datasheet
206Kb / 2P
   Power Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com