Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0751472NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0751472NL
Description  Unshielded Drum Core - P0751NL/52NL Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0751472NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0751472NL Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
18
SPM2007 (11/07)
Height: 5.5mm Max
Footprint: 13.0mm x 9.4mm Max
Current Rating: up to 6.8A
Inductance Range: 1.0µH to 1000µH
SMT POWER INDUCTORS
Unshielded Drum Core - P0751NL/52NL Series
.004/0,10
.215
5,46
MAX
SUGGESTED PAD LAYOUT
.115
2,92
.290
7,37
.110
2,79
.370 MAX
9,40
.510 MAX
12,95
XXX
1
2
Mechanical
Schematic
Inductance
Part 6,7
@ IPK ADC
Irated 5
DCR (MAX)
Saturation Current
Heating Current
Number
(µH ± 20%)
(A)
(m
Ω)
(A) @ 25°C
(A)
P0751.102NL
1.0
6.8
10
9.0
6.8
P0751.152NL
1.5
6.4
12
8.0
6.4
P0751.222NL
2.2
6.1
15
7.0
6.1
P0751.332NL
3.3
5.4
18
6.4
5.4
P0751.472NL
4.7
4.8
33
5.4
4.8
P0751.682NL
6.8
4.4
44
4.6
4.4
P0751.103NL
10
3.8
50
3.8
3.9
P0751.153NL
15
3.0
55
3.0
3.1
P0751.223NL
22
2.6
114
2.6
2.7
P0751.333NL
33
2.0
120
2.0
2.1
P0751.473NL
47
1.6
168
1.6
1.8
P0751.683NL
68
1.4
240
1.4
1.5
P0752.104NL
100
1.2
380
1.2
1.3
P0752.154NL
150
1.0
570
1.0
1.0
P0752.224NL
220
0.8
840
0.8
0.8
P0752.334NL
330
0.6
1020
0.6
0.6
P0752.474NL
470
0.5
1460
0.5
0.5
P0752.684NL
680
0.4
2170
0.4
0.4
P0752.105NL
1000
0.3
3300
0.3
0.3
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . 0.8 grams
Tape & Reel . . . . . . 800/reel
TAPE & REEL LAYOUT
.211
5,36
.520
13,21
.380
9,65
USER DIRECTION OF FEED
.472
12,00
.945 ± .012
24,00 ± 0,30
1. The temperature of the component (ambient plus temperature
rise) must be within the specified operating temperature range.
2. Inductance tested at 100kHz, 10mVRMS
3. Inductance drop = 10% typical at the saturation current
4.
ΔT = 15°C rise typical at the heating current
5. The rated current is the lower of the saturation or heating current
6. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to the part number
(i.e. P0751.102NL becomes P0751.102NLT). Pulse complies to industry standard tape and
reel specification EIA481.
7. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suffixed parts are not
necessarily RoHS compliant, but are electrically and mechanically equivalent to NL versions.
If a part number does not have the "NL" suffix, but an RoHS compliant version is required,
please contact Pulse for availability.
NOTES:


Similar Part No. - P0751472NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0751 PULSE-P0751 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
P0751.102 PULSE-P0751.102 Datasheet
373Kb / 2P
   SMT Power Inductors
P0751.102NL PULSE-P0751.102NL Datasheet
163Kb / 1P
   SMT POWER INDUCTORS
P0751.103 PULSE-P0751.103 Datasheet
373Kb / 2P
   SMT Power Inductors
P0751.103NL PULSE-P0751.103NL Datasheet
163Kb / 1P
   SMT POWER INDUCTORS
More results

Similar Description - P0751472NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
   Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
   Unshielded Drum Core
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
   Unshielded Drum Core
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
   Unshielded Drum Core
PB2020.681NL PULSE-PB2020.681NL Datasheet
96Kb / 1P
   Unshielded Drum Core
PG0016NL PULSE-PG0016NL Datasheet
458Kb / 2P
   Unshielded Drum Core ??PG0016NL Series
PF0580NL PULSE-PF0580NL Datasheet
156Kb / 2P
   Unshielded Drum Core - PF0580NL Series
PA4305.102NLT PULSE-PA4305.102NLT Datasheet
565Kb / 2P
   Unshielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
PA4309.102NLT PULSE-PA4309.102NLT Datasheet
635Kb / 3P
   Unshielded Drum Core Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com