Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC457S0NIP0F Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC457S0NIP0F
Description  High Speed 1Mb/s, High CMR Mini-fl at Package OPIC Photo-coupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC457S0NIP0F Datasheet(HTML) 4 Page - Sharp Corporation

  PC457S0NIP0F Datasheet HTML 1Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 2Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 3Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 4Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 5Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 6Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 7Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 8Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Sheet No.: D2-A09101EN
PC457S0NIP0F Series
■ Electro-optical Characteristics
■ Absolute Maximum Ratings
(Ta=25˚C)
Parameter
Symbol
Rating
Unit
Input
*1 Forward current
IF
25
mA
Reverse input voltage
VR
5V
*2 Input power dissipation
PI
45
mW
Output
Supply voltage
VCC
−0.5 to +30
V
Output voltage
VO
−0.5 to +20
V
Output current
IO
8mA
*3 Output power dissipation
PO
100
mW
*4 Isolation voltage
Viso(rms)
3.75
kV
Operating temperature
Topr
−55 to +100
̊C
Storage temperature
Tstg
−55 to +125
̊C
*5 Soldering temperature
Tsol
270
̊C
*1 When ambient temperature goes above 85˚C, the forward current goes down at 0.6mA/˚C. Refer to Fig.3
*2 When ambient temperature goes above 85˚C, the forward current goes down at 1.1mW/˚C. Refer to Fig.4
*3 When ambient temperature goes above 85˚C, the forward current goes down at 2.5mW/˚C. Refer to Fig.4
*4 AC for 1minute, 40 to 60%RH, f=60Hz
*5 For 10s
(Ta=25˚C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input forward voltage
VF
IF=16mA
1.5
1.7
V
*7VF
−−
1.8
Reverse input voltage
IR
VR=5V
−−
10
μA
Input capacitance
Ct
VF=0, f=1MHz
60
pF
High level output current
IOH(1)
IF=0, VCC=5.5V, VO=5.5V
3
500
nA
IOH(2)
IF=0, VCC=15V, VO=15V
0.01
1
μA
*7IOH(3)
−−
50
High level supply current
ICCH(1)
IF=0, VCC=15V, VO=OPEN
0.02
1
μA
*7ICCH(2)
−−
2
Low level supply current
ICCL
IF=16mA, VCC=15V, VO=OPEN
50
200
μA
Low level output voltage
VOL(1)
IF=16mA, VCC=4.5V, IO=3mA
−−
0.4
V
*7VOL(2)
IF=16mA, VCC=4.5V, IO=2.4mA
−−
0.5
Current transfer ratio
CTR(1)
IF=16mA, VCC=4.5V, VO=0.4V
19
50
%
*7CTR(2)
IF=16mA, VCC=4.5V, VO=0.5V
15
−−
*8 "High→Low" propagation delay time
tPHL(1)
IF=16mA, VCC=5V, RL=1.9kΩ
0.2
0.8
μs
*7tPHL(2)
−−
1
*8 “Low→High” propagation delay time
tPLH(1)
0.3
0.8
*7tPLH(2)
−−
1
*9 Instantaneous common mode rejection
voltage (High level output)
CMH
IF=0,
VO(MIN)=2V
RL=1.9kΩ,
VCC=5V,
VCM=1kV(P-P),
CL=15pF
15
30
kV/μs
*9 Instantaneous common mode rejection
voltage (Low level output)
CML
IF=16mA,
VO(MAX)=0.8V
−15
−30
kV/μs
Isolation resistance
RISO
DC500V, 40 to 60%RH
5×10
10
10
11
−Ω
Floating capacitance
Cf
V=0, f=1MHz
0.6
pF
*6 It shall connect a by-pass capacitor of 0.01μF or more between VCC (pin ➇) and GND (pin ➄) near the device, when it measures the transfer characteristics and the output side
characteristics
*7 Ta=0 to 70˚C
*8 Propagation delay time : Refer to Fig.1
*9 Instantaneous common mode rejection voltage : Refer to Fig.2


Similar Part No. - PC457S0NIP0F

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC457 PICKER-PC457 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC4571A-12C3 PICKER-PC4571A-12C3 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC4571A-12C5 PICKER-PC4571A-12C5 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC4571A-12S3 PICKER-PC4571A-12S3 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC4571A-12S5 PICKER-PC4571A-12S5 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
More results

Similar Description - PC457S0NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC410S0NIP0F SHARP-PC410S0NIP0F Datasheet
239Kb / 15P
   High Speed 10Mb/s, High CMR Mini-fl at Package OPIC Photocoupler
PC4D10SYIP0F SHARP-PC4D10SYIP0F Datasheet
228Kb / 12P
   High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC4D10SNIP0F SHARP-PC4D10SNIP0F Datasheet
228Kb / 12P
   High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC457L0NIP0F SHARP-PC457L0NIP0F Datasheet
208Kb / 12P
   High Speed 1Mb/s, High CMR Mini-flat Package
logo
COSMO Electronics Corp...
KPC457 COSMO-KPC457_12 Datasheet
61Kb / 4P
   High Speed 1Mb/s,High CMR Mini-flat Package
KPC457 COSMO-KPC457 Datasheet
72Kb / 4P
   High Speed 1Mb/s,High CMR Mini-flat Package Photocoupler
logo
Sharp Corporation
PC456L0NIP0F SHARP-PC456L0NIP0F Datasheet
211Kb / 13P
   High Speed 2Mb/s, High CMR Mini-flat Package OPIC Photocoupler
PC957L0NSZ0F SHARP-PC957L0NSZ0F Datasheet
244Kb / 13P
   High Speed 1Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC411L0YIP0F SHARP-PC411L0YIP0F Datasheet
205Kb / 13P
   High Speed 15Mb/s, High CMR Mini-flat Package OPIC Mini-flat Package ?뾑PIC
PC917X SHARP-PC917X Datasheet
59Kb / 4P
   High Speed, High CMR OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com