Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC250-4000F Datasheet(PDF) 3 Page - Power-One

Part # PFC250-4000F
Description  PFC250 AC-DC Series Data Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PFC250-4000F Datasheet(HTML) 3 Page - Power-One

  PFC250-4000F Datasheet HTML 1Page - Power-One PFC250-4000F Datasheet HTML 2Page - Power-One PFC250-4000F Datasheet HTML 3Page - Power-One PFC250-4000F Datasheet HTML 4Page - Power-One PFC250-4000F Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PFC250 AC-DC Series Data Sheet
MAY 26, 2006 revised to AUG 16, 2006
Page 3 of 5
www.power-one.com
Input Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage - AC
Continuous input range.
85
264
VAC
Input Frequency
AC Input.
47
63
Hz
Brown Out Protection
Lowest AC input voltage that regulation is maintained with full rated loads.
80
VAC
Hold-up Time
After last AC line peak at 250 watts.
20
ms
Input Current
85 VAC at full rated load.
4.5
ARMS
Input Protection
Non-user serviceable internally located AC input line fuse.
Inrush Surge Current
Internally limited by thermistor. Vin = 230 VAC, one cycle, 25°C.
35
APK
Power Factor
Per EN61000-3-2.
0.95
W/VA
Operating Frequency
Switching frequency of main output transformer.
129
Switching frequency of secondary transformer.
70
kHz
Switching frequency of Power Factor Correction circuit.
60
Output Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Efficiency
Full rated load, 110 VAC. Varies with distribution of loads among outputs.
65
75
%
Minimum Load, V1
Minimum load required to maintain regulation on V2
Single output models
0
All other models
4
Amps
Minimum Load, V3
Minimum load required to maintain regulation on V4
Single output models
N/A
PFC250-4000
1.25
Amps
All other models
0.6
Ripple and Noise
Full load, 20 MHz bandwidth.
See Model Selections
Output Power
300 LFM forced-air cooling.
250
Watts
Overshoot /Undershoot
Output voltage overshoot/undershoot at turn-on.
0
%
Regulation
Varies by output. Total regulation includes: line changes over the specified
See Model Selections
input range, changes in load starting at 20% load and changing to 100% load.
Transient Response
Recovery time to within 1% of initial set point due to a 25% step load from any
500
s
load setting from minimum to maximum load.
Turn-on Delay
Time required for initial output voltage stabilization.
2
Sec
Turn-on Rise Time
Time required for output voltage to rise from 10% to 90%.
20
ms
Interface Signals and Internal Protection
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Overvoltage Protection
Latch style overvoltage protection. Available on all
3.3V output, V1
4.1
4.65
single output models and V1, V2, and V3 on all
3.3V output, V2
4.2
4.2
multiple-output models.
5V output, V1, V2
6.0
6.4
12V output, V1, V2
14.0
16.0
V
15V output, V1
18.3
19.8
24V output, V1
27.0
30.7
48V output, V1
60.0
70.0
Overload Protection
Fully protected against output overload and short circuit. Automatic recovery upon removal of overload condition.
Overtemperature Protection
System shutdown due to excessive internal temperature, automatic reset.
Output Good
TTL compatible signal. Signal is high when V1 output is
3.3V
3.16
V
within 5% of nominal. Signal shall remain low for 20
5V
4.75
milliseconds following loss of Output Good.
Input Power
TTL compatible logic signal. Time before regulation dropout due to loss of input
5
ms
Fail Warning
power. May be used as independent PSOK signal in redundant applications.
Current Share
Accuracy of shared current with up to 6 parallel units. Single-wire current share
10
%
on V1 and V2 with return via vegative (-) Sense return. Minimum current share
load is 6A or 50W, whichever is smaller.
Remote Sense
Available on V1 and V2. Total voltage compensation for cable losses with
250
mV
respect to the main output.
Inhibit
Output voltage is inhibited by application of external high (5V) signal.
Standby Power
Available with fan option versions only (+5VDC).
100
mA


Similar Part No. - PFC250-4000F

ManufacturerPart #DatasheetDescription
logo
Power-One
PFC250-4000 POWER-ONE-PFC250-4000 Datasheet
266Kb / 4P
   PerFormanCe POWER
logo
Bel Fuse Inc.
PFC250-4000G2 BEL-PFC250-4000G2 Datasheet
659Kb / 6P
   Greater than 1 million hours demonstrated MTBF
More results

Similar Description - PFC250-4000F

ManufacturerPart #DatasheetDescription
logo
Power-One
LOK4240-2RLDG POWER-ONE-LOK4240-2RLDG Datasheet
359Kb / 10P
   LOS, LOR, LOK4000 Series Data Sheet DIN-Rail Mountable AC-DC (DC-DC) Converters
logo
Murata Power Solutions ...
MYSSM01806BENL MURATA-PS-MYSSM01806BENL Datasheet
754Kb / 17P
   DC-DC Converter DATA Sheet
logo
Power-One
HP600 POWER-ONE-HP600 Datasheet
106Kb / 6P
   Multi-Output HP600 AC-DC Front End Data Sheet
logo
Murata Power Solutions ...
MYSSM01204BENL MURATA-PS-MYSSM01204BENL Datasheet
634Kb / 19P
   DC-DC Converter DATA Sheet
logo
Power-One
DFC15 POWER-ONE-DFC15 Datasheet
125Kb / 4P
   DFC15 Single-Output DC-DC Series Data Sheet
HBC48T25120 POWER-ONE-HBC48T25120 Datasheet
381Kb / 16P
   HBC48T25120 DC-DC Converter Data Sheet
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com