Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC250-1015 Datasheet(PDF) 4 Page - Power-One

Part # PFC250-1015
Description  PFC250 AC-DC Series Data Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PFC250-1015 Datasheet(HTML) 4 Page - Power-One

  PFC250-1015 Datasheet HTML 1Page - Power-One PFC250-1015 Datasheet HTML 2Page - Power-One PFC250-1015 Datasheet HTML 3Page - Power-One PFC250-1015 Datasheet HTML 4Page - Power-One PFC250-1015 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PFC250 AC-DC Series Data Sheet
MAY 26, 2006 revised to AUG 16, 2006
Page 4 of 5
www.power-one.com
Safety, Regulatory, and EMI Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Agency Approvals
UL1950.
CSA 22.2 NO. 234/950.
Approved
EN60950 (TÜV).
Dielectric Withstand Voltage
Input to Output per EN60950.
2600
VDC
Electromagnetic Interference
FCC CFR title 47 Part 15 Sub-Part B - Conducted.
B
EN55022 / CISPR 22 Conducted.
B
Class
ESD Susceptibility
Per EN61000-4-2, level 4.
8
kV
Radiated Susceptibility
Per EN61000-4-3, level 3.
10
V/M
EFT/Burst
Per EN61000-4-4, level 4.
± 4
kV
Input Transient Protection
Per EN61000-4-5 level 3.
Line-to-Line
1
kV
Line-to-Ground
2
Insulation Resistance
Input-to-Output.
10
M
Leakage Current
Per EN60950, 264 VAC.
1500
A
Environmental Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating.
10k
ASL Ft.
Non-Operating.
40k
ASL Ft.
Operating Temperature
At 100% load:
0
50
°C
Derate linearly above 50°C by 2.5% per °C.
At 50% load:
70
°C
Storage Temperature
-55
85
°C
Temperature Coefficient
0°C to 70°C (after 15 minute warmup).
± 0.02
± 0.05
%/°C
Relative Humidity
Non-Condensing.
5
95
%RH
Shock
Peak acceleration.
20
GPK
Vibration
Random vibration, 10 Hz to 2 kHz, 3 axes.
6
GRMS
Options
DESCRIPTION
NOTES
SIZE IMPACT
Metric Mounting
Add “M” as a suffix to the model number to order chassis with
8.50" x 4.75" x 2.00"
M4 x 0.7 mounting inserts.
(215.9mm x 120.7mm x 50.8mm)
Fan
Add “F” as a suffix to the model number to order integral fan.
10.00” x 4.75” x 2.50”
Adds 1.5” (38.1mm) to overall length and 0.5” (12.7mm) to height.
(250.4mm x 120.7mm x 63.5mm)
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical
components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of
the respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.


Similar Part No. - PFC250-1015

ManufacturerPart #DatasheetDescription
logo
Power-One
PFC250-1015 POWER-ONE-PFC250-1015 Datasheet
266Kb / 4P
   PerFormanCe POWER
logo
Bel Fuse Inc.
PFC250-1015G BEL-PFC250-1015G Datasheet
659Kb / 6P
   Greater than 1 million hours demonstrated MTBF
More results

Similar Description - PFC250-1015

ManufacturerPart #DatasheetDescription
logo
Power-One
LOK4240-2RLDG POWER-ONE-LOK4240-2RLDG Datasheet
359Kb / 10P
   LOS, LOR, LOK4000 Series Data Sheet DIN-Rail Mountable AC-DC (DC-DC) Converters
logo
Murata Power Solutions ...
MYSSM01806BENL MURATA-PS-MYSSM01806BENL Datasheet
754Kb / 17P
   DC-DC Converter DATA Sheet
logo
Power-One
HP600 POWER-ONE-HP600 Datasheet
106Kb / 6P
   Multi-Output HP600 AC-DC Front End Data Sheet
logo
Murata Power Solutions ...
MYSSM01204BENL MURATA-PS-MYSSM01204BENL Datasheet
634Kb / 19P
   DC-DC Converter DATA Sheet
logo
Power-One
DFC15 POWER-ONE-DFC15 Datasheet
125Kb / 4P
   DFC15 Single-Output DC-DC Series Data Sheet
HBC48T25120 POWER-ONE-HBC48T25120 Datasheet
381Kb / 16P
   HBC48T25120 DC-DC Converter Data Sheet
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com