Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

821-IF55.0M-09B Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 821-IF55.0M-09B
Description  55.0 MHz IF SAW Filter 9.90 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

821-IF55.0M-09B Datasheet(HTML) 1 Page - Oscilent Corporation

  821-IF55.0M-09B Datasheet HTML 1Page - Oscilent Corporation 821-IF55.0M-09B Datasheet HTML 2Page - Oscilent Corporation 821-IF55.0M-09B Datasheet HTML 3Page - Oscilent Corporation 821-IF55.0M-09B Datasheet HTML 4Page - Oscilent Corporation 821-IF55.0M-09B Datasheet HTML 5Page - Oscilent Corporation 821-IF55.0M-09B Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0522
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2011
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
821-IF55.0M-09B
55.0 MHz IF SAW Filter 9.90 MHz Bandwidth
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Response
o
Smith Chart
o
VSWR
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 821-IF55.0M-09B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF55.0M-09A OSCILENT-821-IF55.0M-09A Datasheet
514Kb / 6P
   55.0 MHz IF SAW Filter 9.92 MHz Bandwidth
821-IF55.0M-09C OSCILENT-821-IF55.0M-09C Datasheet
211Kb / 6P
   55.0MHz IF SAW Filter 9.79 MHz Bandwidth
More results

Similar Description - 821-IF55.0M-09B

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA05509BD1 TRANSKO-TA05509BD1 Datasheet
521Kb / 4P
   55.0 MHz IF SAW Filter / 9.90 MHz Bandwidth
Revision 0: 09. Feb. 2009
TL14510BD1 TRANSKO-TL14510BD1 Datasheet
622Kb / 4P
   145.00 MHz IF SAW Filter / 9.90 MHz Bandwidth
Revision 0: 10 Jun. 2008
logo
Oscilent Corporation
821-IF55.0M-09A OSCILENT-821-IF55.0M-09A Datasheet
514Kb / 6P
   55.0 MHz IF SAW Filter 9.92 MHz Bandwidth
logo
Transko Electronics, In...
TA10309AD1 TRANSKO-TA10309AD1 Datasheet
606Kb / 4P
   103.0 MHz IF SAW Filter / 9.90 MHz Bandwidth
Revision 0: 28. Jun. 2008
logo
Oscilent Corporation
821-SL55.0M-09B OSCILENT-821-SL55.0M-09B_14 Datasheet
408Kb / 6P
   55.0 MHz IF SAW Filter 10.0 MHz Bandwidth
logo
Transko Electronics, In...
TA05509AD1 TRANSKO-TA05509AD1 Datasheet
518Kb / 4P
   55.0 MHz IF SAW Filter / 9.92 MHz Bandwidth
Revision 0: 09. May 2008
TA05509CD1 TRANSKO-TA05509CD1 Datasheet
538Kb / 4P
   55.0 MHz IF SAW Filter / 9.79 MHz Bandwidth
Revision 0: 10. MAR. 2009
logo
Oscilent Corporation
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
   108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
820-IF75.0M-A OSCILENT-820-IF75.0M-A_14 Datasheet
238Kb / 4P
   75.0 MHz IF SAW Filter 1.0 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com