Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A07 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 6A07
Description  6.0A RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

6A07 Datasheet(HTML) 2 Page - Diodes Incorporated

  6A07 Datasheet HTML 1Page - Diodes Incorporated 6A07 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS28008 Rev. G-3
2 of 2
LT6A01 - LT6A07
1
2
3
4
5
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
A
6
7
8
25
0
50
75
100 125 150 175 200
0
0.1
1.0
100
0.6
1.0
1.4
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2,Typical Forward Characteristics
F
10
0.2
0
Pulse Width = 300 ms
2% Duty Cycle
T = 25ºC
j
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
T = 25°C
f = 1MHz
j
6A6 - 6A10
6A05 - 6A4
0
100
200
300
400
500
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
INACTIVE, NOT
FOR NEW DESIGN,
USE 6A05 - 6A10


Similar Part No. - 6A07

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
6A005-G COMCHIP-6A005-G Datasheet
66Kb / 3P
   General Purpose Silicon Rectifiers
6A01-G COMCHIP-6A01-G Datasheet
66Kb / 3P
   General Purpose Silicon Rectifiers
6A02-G COMCHIP-6A02-G Datasheet
66Kb / 3P
   General Purpose Silicon Rectifiers
6A04-G COMCHIP-6A04-G Datasheet
66Kb / 3P
   General Purpose Silicon Rectifiers
logo
Formosa MS
6A05 FORMOSA-6A05 Datasheet
94Kb / 6P
   Axial Leaded General Purpose Rectifiers
More results

Similar Description - 6A07

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
   6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
logo
Won-Top Electronics
P600A WTE-P600A Datasheet
36Kb / 3P
   6.0A SILICON RECTIFIER
logo
TAITRON Components Inco...
T6A05 TAITRON-T6A05 Datasheet
213Kb / 6P
   6.0A Standard Rectifier
logo
Zibo Seno Electronic En...
6RS101M ZSELEC-6RS101M Datasheet
85Kb / 2P
   6.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC601 DIODES-PBPC601 Datasheet
53Kb / 2P
   6.0A BRIDGE RECTIFIER
DS21322 Rev. D-2
logo
Zibo Seno Electronic En...
UD6KBA05 ZSELEC-UD6KBA05 Datasheet
118Kb / 2P
   6.0A BRIDGE RECTIFIER
D6KB05 ZSELEC-D6KB05_V01 Datasheet
104Kb / 2P
   6.0A BRIDGE RECTIFIER
UR6KB05 ZSELEC-UR6KB05 Datasheet
118Kb / 2P
   6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M_V01 Datasheet
86Kb / 2P
   6.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
6A05 DIODES-6A05 Datasheet
62Kb / 2P
   6.0A SILICON RECTIFIER
DS28009 Rev. F-2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com