Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCSB250-4-6Y Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # PCSB250-4-6Y
Description  Multi-Tap Connector with Clear Insulation, Double-Sided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCSB250-4-6Y Datasheet(HTML) 2 Page - PANDUIT CORP.

  PCSB250-4-6Y Datasheet HTML 1Page - PANDUIT CORP. PCSB250-4-6Y Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S
H
W
L
Std.
Pkg.
Qty.
Hex Key
Size (In.)
Figure Dimensions
(In.)
No. of Ports
Conductor Size Range
Part Number
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Multi-Tap Connector with Clear Insulation, Double-Sided (continued)
‡‡Not UL Listed or CSA Certified.
PCSB350-2-4
350 kcmil – #10 AWG STR
#10 AWG SOL
2
2.17
3.00
2.50
1.00
3/8
4
PCSB350-3-4
3
3.17
3.00
2.50
1.00
3/8
4
PCSB350-4-3
4
4.17
3.00
2.50
1.00
3/8
3
PCSB350-5-3
5
5.17
3.00
2.50
1.00
3/8
3
PCSB350-6-2
6
6.17
3.00
2.50
1.00
3/8
2
PCSB350-8-2
8
8.17
3.00
2.50
1.00
3/8
2
PCSB350-10-2Y
10
10.17
3.00
2.50
1.00
5/16
2
PCSB350-12-1Y
12
12.17
3.00
2.50
1.00
5/16
1
PCSB350-14-1Y
14
14.17
3.00
2.50
1.00
5/16
1
PCSB600-2-4Y
600 kcmil – #6 AWG STR
2
2.72
3.00
2.75
1.28
3/8
4
PCSB600-3-3Y
3
4.00
3.00
2.75
1.28
3/8
3
PCSB600-4-2Y
4
5.28
3.00
2.75
1.28
3/8
2
PCSB600-5-2
5
6.56
3.00
2.75
1.28
3/8
2
PCSB600-6-2Y
6
7.84
3.00
2.75
1.28
3/8
2
PCSB600-8-2Y
8
10.41
3.00
2.75
1.28
3/8
2
PCSB600-10-1Y
10
12.97
3.00
2.75
1.28
3/8
1
PCSB600-12-1Y
12
15.53
3.00
2.75
1.28
3/8
1
PCSB600-14-1Y
14
18.09
3.00
2.75
1.28
3/8
1
PCSB750-2-2Y‡‡
750 kcmil – #2 AWG STR
2
2.88
3.38
3.00
1.38
3/8
2
PCSB750-3-2Y‡‡
3
4.25
3.38
3.00
1.38
3/8
2
PCSB750-4-2Y‡‡
4
5.63
3.38
3.00
1.38
3/8
2
PCSB750-5-1Y‡‡
5
7.00
3.38
3.00
1.38
3/8
1
PCSB750-6-1Y‡‡
6
8.38
3.38
3.00
1.38
3/8
1
PCSB750-8-1Y‡‡
8
11.13
3.38
3.00
1.38
3/8
1
PCSB750-10-1Y‡‡
10
13.88
3.38
3.00
1.38
3/8
1


Similar Part No. - PCSB250-4-6Y

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PCSB250-4-6Y PANDUIT-PCSB250-4-6Y Datasheet
204Kb / 1P
   MULTI-TAP INSULATED CONNECTORS
More results

Similar Description - PCSB250-4-6Y

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BIBS6004 HUBBELL-BIBS6004 Datasheet
262Kb / 2P
   Aluminum Multiple Tap Connector, Clear Insulated, 4 Port, 1 Sided Entry, 4 Aluminum Multiple Tap Connector, Clear Insulated, 4 Port, 1 Sided Entry, 4
BIBS6003 HUBBELL-BIBS6003 Datasheet
264Kb / 2P
   Aluminum Multiple Tap Connector, Clear Insulated, 3 Port, 1 Sided Entry, 4 Aluminum Multiple Tap Connector, Clear Insulated, 3 Port, 1 Sided Entry, 4
BIBD48FX HUBBELL-BIBD48FX Datasheet
261Kb / 2P
   MULTI-PORT Double-Sided Entry.
BIBD25010FX HUBBELL-BIBD25010FX Datasheet
257Kb / 1P
   MULTI-PORT Double-Sided Entry.
BIBD3503FX HUBBELL-BIBD3503FX Datasheet
260Kb / 2P
   MULTI-PORT Double-Sided Entry.
BIBD60014 HUBBELL-BIBD60014 Datasheet
262Kb / 2P
   MULTI-PORT Double-Sided Entry.
BIBD75012FX HUBBELL-BIBD75012FX Datasheet
260Kb / 2P
   MULTI-PORT Double-Sided Entry.
BIBD2010FX HUBBELL-BIBD2010FX Datasheet
258Kb / 1P
   MULTI-PORT Double-Sided Entry.
BIBD2012FX HUBBELL-BIBD2012FX Datasheet
258Kb / 1P
   MULTI-PORT Double-Sided Entry.
BIBD6006FX HUBBELL-BIBD6006FX Datasheet
261Kb / 2P
   MULTI-PORT Double-Sided Entry.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com