Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

821-IF65.0M-29B Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 821-IF65.0M-29B
Description  65.0 MHz IF SAW Filter 29.60 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

821-IF65.0M-29B Datasheet(HTML) 3 Page - Oscilent Corporation

  821-IF65.0M-29B Datasheet HTML 1Page - Oscilent Corporation 821-IF65.0M-29B Datasheet HTML 2Page - Oscilent Corporation 821-IF65.0M-29B Datasheet HTML 3Page - Oscilent Corporation 821-IF65.0M-29B Datasheet HTML 4Page - Oscilent Corporation 821-IF65.0M-29B Datasheet HTML 5Page - Oscilent Corporation 821-IF65.0M-29B Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oscilent Part Number
821-IF65.0M-29B
January 2011 Rev A
65.0 MHz IF SAW Filter 29.60 MHz Bandwidth
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-5
-
70
Storage Temperature Range
°C
-40
-
85
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
-
65.0
-
Insertion Loss at Fo
dB
-
29.5
-
Group Delay Variation at Fo ± 14.32 MHz
nsec
-
29
80
Absolute Delay at Fo
usec
-
2.45
-
Passband Ripple Variation at Fo ± 14.32 MHz
dB
-
0.54
1.00
Bandwidth at -1dB
MHz
29.30
29.60
-
Bandwidth at -3dB
MHz
-
29.90
-
Bandwidth at -40dB
MHz
-
31.30
31.45
Ultimate Rejection
dB
46
50
-
Temperature Coefficient
ppm/°C
-
-72
-


Similar Part No. - 821-IF65.0M-29B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF65.0M-29A OSCILENT-821-IF65.0M-29A Datasheet
220Kb / 6P
   65.0 MHz IF SAW Filter 29.55 MHz Bandwidth
More results

Similar Description - 821-IF65.0M-29B

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TF-006501-D40 TRANSKO-TF-006501-D40 Datasheet
602Kb / 4P
   65.0 MHz IF SAW Filter / 29.60 MHz Bandwidth
Revision 0: November 2013
TA06529BD1 TRANSKO-TA06529BD1 Datasheet
607Kb / 4P
   65.0 MHz IF SAW Filter / 29.60 MHz Bandwidth
Revision 1: 26 Jan. 2010
TA06529AD1 TRANSKO-TA06529AD1 Datasheet
523Kb / 4P
   65.0 MHz IF SAW Filter / 29.55 MHz Bandwidth
Revision 0: 26 Oct. 2009
TL06506BV TRANSKO-TL06506BV Datasheet
605Kb / 4P
   65.0 MHz IF SAW Filter / 6.16 MHz Bandwidth
Revision 0: 16 Jun. 2010
logo
Oscilent Corporation
813-IF65.0M-29C OSCILENT-813-IF65.0M-29C Datasheet
191Kb / 6P
   65.0 MHz IF SAW Filter 29.19 MHz Bandwidth
820-IF65.0M-29A OSCILENT-820-IF65.0M-29A Datasheet
226Kb / 6P
   65.0 MHz IF SAW Filter 29.55 MHz Bandwidth
logo
Transko Electronics, In...
TA06529DV TRANSKO-TA06529DV Datasheet
671Kb / 4P
   65.0 MHz IF SAW Filter / 29.37 MHz Bandwidth
Revision 0: 23. Feb. 2010
logo
Oscilent Corporation
813-IF65.0M-29D OSCILENT-813-IF65.0M-29D Datasheet
183Kb / 6P
   65.0 MHz IF SAW Filter 29.37 MHz Bandwidth
821-IF65.0M-29A OSCILENT-821-IF65.0M-29A Datasheet
220Kb / 6P
   65.0 MHz IF SAW Filter 29.55 MHz Bandwidth
logo
Transko Electronics, In...
TA06529AD TRANSKO-TA06529AD Datasheet
608Kb / 4P
   65.0 MHz IF SAW Filter / 29.55 MHz Bandwidth
Revision 0: 30. Nov. 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com