Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T8008 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # T8008
Description  COMMON MODE CHOKE CATALOG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T8008 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  T8008 Datasheet HTML 1Page - Pulse A Technitrol Company T8008 Datasheet HTML 2Page - Pulse A Technitrol Company T8008 Datasheet HTML 3Page - Pulse A Technitrol Company T8008 Datasheet HTML 4Page - Pulse A Technitrol Company T8008 Datasheet HTML 5Page - Pulse A Technitrol Company T8008 Datasheet HTML 6Page - Pulse A Technitrol Company T8008 Datasheet HTML 7Page - Pulse A Technitrol Company T8008 Datasheet HTML 8Page - Pulse A Technitrol Company T8008 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
US 619 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com
.018
TYP
0,46
23Z87SM
Date Code
Country of Origin
Fil-Mag
.230
5,84
.100
2,54
.050
TYP
1,27
.265
6,73
.005/.010
0,13/0,25
0°-8°
.360
9,14
.020
MIN
0,51
.215
5,46
.100
2,54
.050
1,27
.260
6,60
.400
10,16
.080
2,03
.030
0,76
SUGGESTED PAD LAYOUT
Dimensions:
Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
1 23
65 4
Weight . . . . . . . . . .0.5 grams
Tape & Reel . . . . . . . .750/reel
Tube . . . . . . . . . . . . .100/tube
23Z87SM
3
2
4
1
PE-65855
Date Code
Country of Origin
Pin 1 Identifier
.15
3,81
4 SURFACES
.005
0,13
WASH AREA
.004/0,10
.250
MAX
6,35
.300
7,62
4XØ.046 +.002 /- .000
1,17+0,05 /-0,00
CONTACT SURFACE
.345 +.000 /- .010
8,76 +0,00 /-0,25
.245 ±.002
6,22 ±0,05
.400 +.000 /- .010
10,16 +0,00 /-0,25
14
23
Weight . . . . . . . . . .0.3 grams
Tape & Reel . . . . . . .1500/reel
Tube . . . . . . . . . . . . . .55/tube
.300
7,62
.120
3,05
.640
16,30
.400
10,20
.100 TYP
2,54
.050 TYP
1,27
.010 / .020
0,25 / 0,51
.340 MAX
8,64
.475 MAX
12,1
.085
2,16
.100
2,54
.004/0,100
8 Surfaces
.040 / .050
1,01 / 1,27
85
14
.600 MAX
15,30
.475 MAX
12,10
.400
10,20
.030
0,76
PE-6XXXX
DATA CODE
COUNTRY OF ORIGIN
Weight . . . . . . . . . . . . . .2.0 grams
Tape & Reel . . . . . . . . . . .250/reel
Tube . . . . . . . . . . . . . . . . . .40/tube
3
6
4
5
1
8
2
7
PE-65857
PE-65855
3
6
4
5
1
8
2
7
PE-67540
PE-65857, PE-67540
Mechanicals
Schematics
PE-68627
8
5
1
4
DATE CODE
COUNTRY OF
ORIGIN
.345
8,76
MAX
.285
7,24
.100
2,54
SUGGESTED PAD LAYOUT
.300
7,62
.100
2,54
.270
6,86
.070
1.78
.050
1,27
MAX
.355
9,02
.207
5,26
MAX
.004/0,100
8 Surfaces
3
6
4
5
1
8
2
7
PE-68627
PE-68627
23Z87SM
Weight . . . . . . . . .0.69 grams
Tape & Reel . . . . . . .800/reel
Tube . . . . . . . . . . . . .40 /tube
Dimensions:
Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Dimensions:
Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Dimensions:
Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
PE-65855
SURFACE MOUNT
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
www.pulseeng.com
4
G002.H (9/07)


Similar Part No. - T8008

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T8008 PULSE-T8008 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
T8008 PULSE-T8008 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
T8008 PULSE-T8008 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
T8008 PULSE-T8008 Datasheet
668Kb / 11P
   Reduces radiated EMI emissions
T8008 PULSE-T8008 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
More results

Similar Description - T8008

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
R0003NL PULSE-R0003NL Datasheet
404Kb / 12P
   COMMON MODE CHOKE CATALOG
PE-69011NL PULSE-PE-69011NL Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG
PE-67540T PULSE-PE-67540T Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-67539NL PULSE-PE-67539NL Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com