Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

821-IF70.0M-26C Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 821-IF70.0M-26C
Description  70MHz IF SAW Filter 26.55MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

821-IF70.0M-26C Datasheet(HTML) 3 Page - Oscilent Corporation

  821-IF70.0M-26C Datasheet HTML 1Page - Oscilent Corporation 821-IF70.0M-26C Datasheet HTML 2Page - Oscilent Corporation 821-IF70.0M-26C Datasheet HTML 3Page - Oscilent Corporation 821-IF70.0M-26C Datasheet HTML 4Page - Oscilent Corporation 821-IF70.0M-26C Datasheet HTML 5Page - Oscilent Corporation 821-IF70.0M-26C Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oscilent Part Number
821-IF70.0M-26C
January 2011 Rev A
70MHz IF SAW Filter 26.55MHz Bandwidth
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-30
-
+80
Storage Temperature Range
°C
-40
-
+85
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
69.92
70.0
70.08
Insertion Loss at Fo
dB
-
25.5
27.0
Group Delay Variation at Fo ±12.49 MHz
nsec
-
35
90
Absolute Delay at Fo
µsec
-
2.0
-
Amplitude Ripple Variation at Fo ±12.49 MHz
dBp-p
-
0.7
1.0
Bandwidth at –1.0 dB
MHz
-
26.55
-
Bandwidth at –3.0 dB
MHz
26.7
26.92
-
Bandwidth at –40.0 dB
MHz
-
28.42
28.6
Lower Sidelobe
dB
50
52
-
Upper Sidelobe
dB
50
52
-
Temperature Coefficient
ppm/°C
-
-72
-


Similar Part No. - 821-IF70.0M-26C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF70.0M-20A OSCILENT-821-IF70.0M-20A Datasheet
486Kb / 6P
   70.0 MHz IF SAW Filter 20.1MHz Bandwidth
821-IF70.0M-29A OSCILENT-821-IF70.0M-29A Datasheet
222Kb / 6P
   70.0 MHz IF SAW Filter 29.42 MHz Bandwidth
821-IF70.0M-29B OSCILENT-821-IF70.0M-29B Datasheet
219Kb / 6P
   70.0 MHz IF SAW Filter 29.62 MHz Bandwidth
More results

Similar Description - 821-IF70.0M-26C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF70.0M-26B OSCILENT-813-IF70.0M-26B Datasheet
216Kb / 6P
   70MHz IF SAW Filter 25.76MHz Bandwidth
logo
SIPAT Co,Ltd
LBT7028S SIPAT-LBT7028S Datasheet
141Kb / 4P
   70MHz IF SAW Filter 5MHz Bandwidth
LBS70A41 SIPAT-LBS70A41 Datasheet
148Kb / 4P
   70MHz IF SAW Filter 3MHz Bandwidth
logo
Oscilent Corporation
820-IF70.0M-05B OSCILENT-820-IF70.0M-05B Datasheet
220Kb / 6P
   70MHz IF SAW Filter 5.28MHz Bandwidth
logo
SIPAT Co,Ltd
LBS70A41 SIPAT-LBS70A41 Datasheet
143Kb / 4P
   70MHz IF SAW Filter 3MHz Bandwidth
LBN70A42 SIPAT-LBN70A42 Datasheet
145Kb / 4P
   70MHz IF SAW Filter 5MHz Bandwidth
LBN70A43 SIPAT-LBN70A43 Datasheet
141Kb / 4P
   70MHz IF SAW Filter 20MHz Bandwidth
LBT7028S SIPAT-LBT7028S Datasheet
147Kb / 4P
   70MHz IF SAW Filter 5MHz Bandwidth
logo
Oscilent Corporation
821-IF70.0M-CB OSCILENT-821-IF70.0M-CB Datasheet
161Kb / 6P
   70MHz IF SAW Filter 9.58MHz Bandwidth
logo
SIPAT Co,Ltd
LBN70A42 SIPAT-LBN70A42 Datasheet
151Kb / 4P
   70MHz IF SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com