Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0805FR Datasheet(PDF) 2 Page - YAGEO Corporation

Part # RC0805FR
Description  GENERAL PURPOSE CHIP RESISTORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0805FR Datasheet(HTML) 2 Page - YAGEO Corporation

  RC0805FR Datasheet HTML 1Page - YAGEO Corporation RC0805FR Datasheet HTML 2Page - YAGEO Corporation RC0805FR Datasheet HTML 3Page - YAGEO Corporation RC0805FR Datasheet HTML 4Page - YAGEO Corporation RC0805FR Datasheet HTML 5Page - YAGEO Corporation RC0805FR Datasheet HTML 6Page - YAGEO Corporation RC0805FR Datasheet HTML 7Page - YAGEO Corporation RC0805FR Datasheet HTML 8Page - YAGEO Corporation RC0805FR Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Product specification
Chip Resistor Surface Mount
2
10
www.yageo.com
Sep 03, 2004 V.2
SERIES
RC
0805 (Pb Free)
Y
YA
AG
GE
EO
O O
OR
RD
DE
ER
RIIN
NG
G C
CO
OD
DE
E
CTC CODE
RC0805 X X X XX XXXX L
(1) (2) (3) (4)
(5)
(6)
(1) TOLERANCE
F = ±1%
J = ±5%
(2) PACKAGING TYPE
R = Paper/PE taping reel
(3) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(4) TAPING REEL
07 = 7 inch dia. Reel
10 = 10 inch dia. Reel (not preferred)
13 = 13 inch dia. Reel
(5) RESISTANCE VALUE
5R6, 56R, 560R, 5K6, 56K, 22M.
(6) RESISTOR TERMINATIONS
L = Lead free terminations (pure Tin)
ORDERING EXAMPLE
The ordering code of a RC0805 chip resistor, value
56 X with ±1% tolerance, supplied in 7-inch tape reel
is: RC0805FR-0756RL.
NOTE
1. The “L” at the end of the code is only for ordering. On the reel
label, the standard CTC will be mentioned an additional stamp
“LFP”= lead free production.
2. Products with lead in terminations fulfil the same requirements
as mentioned in this datasheet.
3. Products with lead in terminations will be phased out in the
coming months (before July 1st, 2006)
SCOPE
This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
ORDERING INFORMATION
Part number is identified by the series, size, tolerance, packing type, temperature coefficient, taping reel and
resistance value.


Similar Part No. - RC0805FR

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0805FR-070R YAGEO-RC0805FR-070R Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-07100R YAGEO-RC0805FR-07100R Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC0805FR-0710KL ETC2-RC0805FR-0710KL Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
logo
YAGEO Corporation
RC0805FR-0710R YAGEO-RC0805FR-0710R Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
logo
Infineon Technologies A...
RC0805FR-0710RL INFINEON-RC0805FR-0710RL Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
More results

Similar Description - RC0805FR

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com