Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR745 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR745
Description  7.5A SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR745 Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR745 Datasheet HTML 1Page - Diodes Incorporated MBR745 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS23007 Rev. 7 - 2
1 of 2
MBR730-MBR760
MBR730 - MBR760
7.5A SCHOTTKY BARRIER RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
J
G
R
Pin1+
Pin 1
Pin 2
Pin2-
Case
+
TO-220AC
Dim
Min
Max
A
14.22
15.88
B
9.65
10.67
C
2.54
3.43
D
5.84
6.86
E
¾
6.35
G
12.70
14.73
J
0.51
1.14
K
3.53
Æ 4.09Æ
L
3.56
4.83
M
1.14
1.40
N
0.30
0.64
P
2.03
2.92
R
4.83
5.33
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward
Voltage Drop
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Application
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Weight: 2.3 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MBR
730
MBR
735
MBR
740
MBR
745
MBR
750
MBR
760
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
(Note 1)
@ TC = 125
°C
IO
7.5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage Drop
@ IF = 7.5A, TC = 25
°C
@IF = 7.5A, TC = 125
°C
VFM
0.55
0.70
0.70
0.75
V
Peak Reverse Current
@TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 125
°C
IRM
1.0
15
1.0
50
mA
Typical Junction Capacitance (Note 2)
Cj
400
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJc
3.5
°C/W
Voltage Rate of Change (Rated VR)
dV/dt
10,000
V/
ms
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.


Similar Part No. - MBR745

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MBR745 ZSELEC-MBR745 Datasheet
186Kb / 2P
   7 .0 A SCHOTTKY BARRIER DIODE
logo
Fairchild Semiconductor
MBR745 FAIRCHILD-MBR745 Datasheet
35Kb / 3P
   7.5 Ampere Schottky Barrier Rectifiers
logo
ON Semiconductor
MBR745 ONSEMI-MBR745 Datasheet
121Kb / 5P
   SWITCHMODE??Power Rectifiers
March, 2009 ??Rev. 8
logo
Nell Semiconductor Co.,...
MBR745 NELLSEMI-MBR745 Datasheet
245Kb / 5P
   Schottky Rectifier, 7.5 A
logo
Vishay Siliconix
MBR745 VISHAY-MBR745 Datasheet
127Kb / 5P
   Schottky Barrier Rectifier
01-Jan-2022
More results

Similar Description - MBR745

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR730 DIODES-MBR730_15 Datasheet
163Kb / 4P
   7.5A SCHOTTKY BARRIER RECTIFIER
MBR730 DIODES-MBR730_1 Datasheet
67Kb / 3P
   7.5A SCHOTTKY BARRIER RECTIFIER
DS23007 Rev. 9 - 2
logo
Digitron Semiconductors
MBR735 DIGITRON-MBR735 Datasheet
400Kb / 2P
   7.5A SCHOTTKY RECTIFIERS
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com