Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD460CT-T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBRD460CT-T
Description  4A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRD460CT-T Datasheet(HTML) 3 Page - Diodes Incorporated

  MBRD460CT-T Datasheet HTML 1Page - Diodes Incorporated MBRD460CT-T Datasheet HTML 2Page - Diodes Incorporated MBRD460CT-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30351 Rev. 3 - 2
3 of 3
MBRD460CT
MBRD460CT = Product type marking code
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year ex: 2 for 2002
WW = Week code 01 to 52
YWW
MBRD460CT
Marking Information
Ordering Information
Device
Packaging
Shipping
MBRD460CT-T
DPAK
2500/Tape & Reel
Notes:
1. Device mounted on PC board with 14mm2 (.013mm thick) copper pad areas.
2. Short duration test pulse used to minimize self-heating effect.
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
(Note 3)


Similar Part No. - MBRD460CT-T

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRD460CTL SMC-MBRD460CTL Datasheet
141Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBRD460CTL SMCDIODE-MBRD460CTL Datasheet
218Kb / 4P
   MBRD460CTL SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - MBRD460CT-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRD1040CT DIODES-MBRD1040CT Datasheet
64Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30285 Rev. C-2
MBRD1035CTL DIODES-MBRD1035CTL Datasheet
63Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30286 Rev. B-2
logo
Won-Top Electronics
SB1020DC WTE-SB1020DC_06 Datasheet
49Kb / 4P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB1620DC WTE-SB1620DC_06 Datasheet
48Kb / 4P
   16A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBM1040CT DIODES-SBM1040CT Datasheet
72Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30356 Rev. 2 - 1
logo
Won-Top Electronics
SB820DC WTE-SB820DC Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com