Selected language     English  ▼


8-1393230-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 8-1393230-2
Description  Power PCB Relay RPII/1
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RPII/1 (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +70°C
Category of environmental protection
IEC 61810
RTII - flux proof, RTIII - wash tight
Vibration resistance (functional),
form A/form B, 30 to 300Hz
10/2g
Shock resistance (destructive)
100g
Terminal type
PCB-THT
Weight
18g
Resistance to soldering heat THT, IEC 60068-2-20
flux proof version
270°C/10s
wash tight version
260°C/5s
Packaging/unit
tube/20 pcs., box/500 pcs.
Dimensions
Dimensions in mm
S0273-AA
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions in mm
8/12A, pinning 3.5 mm
1 form C (1 CO)
1 form A (1 NO)
8/12A, pinning 5 mm
1 form C (1 CO)
1 form A (1 NO)
16A, pinning 5 mm
1 form C (1 CO)
1 form A (1 NO)
S0163-BG
S0163-BC
S0163-BD
S0163-BF
S0163-BE
S0163-BH
S0163-CO
S0163-CP
S0163-CQ
Product code structure
Typical product code
RP
3
1
0
024
Type
RP Power PCB Relay RPII/1
Version
3
16A, flux proof
7
16A, wash tight
4
8/12A, flux proof
8
8/12A, wash tight
Contact arrangement
1
1 form C contact (1 CO)
3
1 form A contact (1 NO)
Contact material and pinning
1
AgNi0.15, 8A, pinning 5mm
0
AgCdO, 12/16A, pinning 5mm
2
AgNi0.15, 8A, pinning 3.5mm
8
AgCdO, 12A, pinning 3.5mm
Coil
Coil code: please refer to coil versions table




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl