Selected language     English  ▼


9-1393230-5 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 9-1393230-5
Description  Power PCB Relay RPII/1
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
n
4kV/8mm coil-contact
n
Pinning 3.5 or 5mm (8/12A) and 5mm (16A)
n
RoHS compliant (Directive 2002/95/EC)
Typical applications
Power supplies, domestic appliances, heating control, installation
Approvals
VDE REG.-Nr. C894, UL E214025
Technical data of approved types on request
Contact Data
8A
12A
16A
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
8A
12A
16A
Limiting making current
16A
20A
25A
Breaking capacity max.
2000VA
3000VA
4000VA
Contact material
AgNi0.15
AgCdO
AgCdO
Frequency of operation, with/without load
600/72000h-1
Operate/release time typ.
8/2ms
Bounce time typ., form A/form B
2/4ms
Contact ratings
Type
Contact
Load
Cycles
IEC61810
RP310
A (NO)
16A, 250VAC resistive, 35°C
100x103
RP410/418
A (NO)
12A, 250VAC resistive, 35°C
100x103
RP410/418
C (CO)
10A, 250VAC resistive, 70°C
100x103
RP411/418
A (NO)
8A, 250VAC resistive, 35°C
100x103
Mechanical endurance
>30x106 operations
Coil Data
Coil voltage range
5 to 110VDC
Operative range, IEC 61810
2
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
005
5
3.5
0.5
54
500
006
6
4.2
0.6
68
500
012
12
8.4
1.2
270
500
024
24
16.8
2.4
11001)
500
048
48
33.6
4.8
44001)
500
060
60
42.0
6.0
65401)
500
110
110
77.0
11.0
231001)
500
1) Coil resistance ±15%.
All figures are given for coil without pre-energization, at ambient temperature +20°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
4000Vrms
Clearance/creepage
between contact and coil
≥8/8mm
Material group of insulation parts
IIIa
Power PCB Relay RPII/1
F0146-B
Z




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl