Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBLC6-4SC6Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # USBLC6-4SC6Y
Description  Automotive very low capacitance ESD protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-4SC6Y Datasheet(HTML) 1 Page - STMicroelectronics

  USBLC6-4SC6Y Datasheet HTML 1Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 2Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 3Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 4Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 5Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 6Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 7Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 8Page - STMicroelectronics USBLC6-4SC6Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
September 2012
Doc ID 023199 Rev 2
1/10
10
USBLC6-4SC6Y
Automotive very low capacitance ESD protection
Datasheet
production data
Features
4 data-line protection
Protects VBUS
Very low capacitance: 3 pF
Very low leakage current: 10 nA
SOT23-6L package
RoHS compliant
AEC Q101 qualified
Benefits
Very low capacitance between lines to GND for
optimized data integrity and speed
Low PCB space consumption, 9 mm²
maximum foot print
Enhanced ESD protection: ISO10605 up to
25 kV guaranteed at device level
ESD protection of VBUS
High reliability offered by monolithic integration
Fast response time
Consistent D+ / D- signal balance:
– Very low capacitance matching tolerance
I/O to GND = 0.015 pF
– Compliant with USB 2.0 requirements
Complies with the following standards
ISO10605, C = 150 pF, R = 330 
– 25 kV (air discharge)
– 15 kV (contact discharge)
ISO10605, C = 330 pF, R = 330 
– 15 kV (air discharge)
– 15 kV (contact discharge)
ISO 7637-3
– Pulse 3a: Vs = -150 V
– Pulse 3b: Vs = +100 V
TM: Transil is a trademark of STMicroelectronics
Figure 1.
Functional diagram
Applications
USB 2.0 ports up to 480 Mb/s (high speed)
Compatible with USB 1.1 low and full speed
High-speed data lines in smart junction boxes
Ethernet port: 10/100 Mb/s
Video line protection
Description
The USBLC6-4SC6Y is a monolithic device
dedicated to ESD protection of high speed
interfaces, such as USB 2.0, Ethernet links and
video lines.
Its very low line capacitance secures a high level
of signal integrity without compromising in
protecting sensitive chips against the most
stringent characterized ESD strikes.
SOT23-6L
USBLC6-4SC6Y(JEDEC MO178AB)
11
6
2
5
3
4
I/O1
I/O4
GND
VBUS
I/O2
I/O3
www.st.com


Similar Part No. - USBLC6-4SC6Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-4SC6 STMICROELECTRONICS-USBLC6-4SC6 Datasheet
150Kb / 10P
   VERY LOW CAPACITANCE ESD PROTECTION
USBLC6-4SC6 STMICROELECTRONICS-USBLC6-4SC6 Datasheet
261Kb / 13P
   Very low capacitance ESD protection
More results

Similar Description - USBLC6-4SC6Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
   Very low capacitance ESD protection
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
   Very Low Capacitance ESD Protection
PEC2305C4E5 PANJIT-PEC2305C4E5 Datasheet
228Kb / 5P
   VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2305C4E5-REV.01
PEC2605C2E PANJIT-PEC2605C2E Datasheet
224Kb / 5P
   VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2605C2E-REV.01
PEC2605C1ES PANJIT-PEC2605C1ES Datasheet
162Kb / 5P
   VERY LOW CAPACITANCE ESD PROTECTION
May 29,2018-REV.00
logo
STMicroelectronics
USBLC6-2SC6Y STMICROELECTRONICS-USBLC6-2SC6Y Datasheet
224Kb / 14P
   Very low capacitance ESD protection
logo
Pan Jit International I...
PEC2305M1Q PANJIT-PEC2305M1Q Datasheet
312Kb / 5P
   VERY LOW CAPACITANCE ESD Protection
April 11,2019-REV.00
logo
STMicroelectronics
USBLC6-2 STMICROELECTRONICS-USBLC6-2 Datasheet
136Kb / 11P
   VERY LOW CAPACITANCE ESD PROTECTION
logo
Pan Jit International I...
PJEC5V0V6TM PANJIT-PJEC5V0V6TM Datasheet
260Kb / 6P
   Very Low Capacitance ESD Protection
logo
STMicroelectronics
USBLC6-4SC6 STMICROELECTRONICS-USBLC6-4SC6 Datasheet
150Kb / 10P
   VERY LOW CAPACITANCE ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com