Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALS-PDIC15-TR8 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # ALS-PDIC15-TR8
Description  Surface - Mount Ambient Light Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ALS-PDIC15-TR8 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  ALS-PDIC15-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ALS-PDIC15-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ALS-PDIC15-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ALS-PDIC15-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ALS-PDIC15-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ALS-PDIC15-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ALS-PDIC15-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ALS-PDIC15-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ALS-PDIC15-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Document No: DAS-015-007 Rev1.1
Aug. 14, 2008
4
Surface - Mount
Ambient Light Sensor
ALS-PDIC15-21B/TR8
Electrical and Optical Characteristics (Ta=25℃
℃)
Parameter
Symbol Min.
Typ.
Max.
Unit
Test Condition
Supply Current
Icc
160
µ
A
Ev = 1000 lux
Dark Current
ID
10
nA
Ev= 0Lux
IPH1
1.2
1.7
1.9
µ
A
Vcc=3V; Ev=10Lux
[Note1] [Fig.2]
IPH2
12
17
19
µ
A
Vcc=3V; Ev= 100Lux
[Note1] [Fig.2]
IPH3
20
µ
A
Vcc=3V; Ev= 100Lux
[Note2] [Fig.2]
Light Current
IPH4
200
µ
A
Vcc=3V; Ev=1000Lux
[Note1] [Fig.2]
Photocurrent Ratio
IPH3 / IPH2
1.2
Saturation Output
Voltage
Vo
2.05
2.15
V
Vcc=3V; Ev= 100Lux,
RL=135K 
[Fig.3]
Peak Sensitivity
Wavelength
λp
580
nm
Rise Time
tr
0.1
1
ms
Switching
Time
Fall Time
tf
0.5
2
ms
Vcc=3V,RL=5K
[Fig.4]
Note:
1. White Fluorescent light (Color Temperature = 6500K) is used as light source. However, White LED is
substituted in mass production.
2. Illuminance by CIE standard illuminant-A / 2856K, incandescent lamp.


Similar Part No. - ALS-PDIC15-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ALS-PDIC15-21C EVERLIGHT-ALS-PDIC15-21C Datasheet
509Kb / 14P
   Surface-Mount Ambient Light Sensor
ALS-PDIC15-21C-L230-TR8 EVERLIGHT-ALS-PDIC15-21C-L230-TR8 Datasheet
509Kb / 14P
   Surface-Mount Ambient Light Sensor
ALS-PDIC15-21C/L230/TR8 EVERLIGHT-ALS-PDIC15-21C/L230/TR8 Datasheet
509Kb / 14P
   Surface-Mount Ambient Light Sensor
ALS-PDIC15-21C EVERLIGHT-ALS-PDIC15-21C_10 Datasheet
304Kb / 13P
   Surface-Mount Ambient Light Sensor
ALS-PDIC15-21C EVERLIGHT-ALS-PDIC15-21C_15 Datasheet
304Kb / 13P
   Ambient Light Sensor
More results

Similar Description - ALS-PDIC15-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAALSDIC2012A3 EVERLIGHT-EAALSDIC2012A3 Datasheet
519Kb / 12P
   Ambient Light Sensor ??Surface Mount
EAALSDIC3215A0 EVERLIGHT-EAALSDIC3215A0 Datasheet
499Kb / 10P
   Ambient Light Sensor ??Surface Mount
ALS-PT19-315C EVERLIGHT-ALS-PT19-315C Datasheet
440Kb / 11P
   Surface - Mount Ambient Light Sensor
ALS-PD70-01C-TR7 EVERLIGHT-ALS-PD70-01C-TR7 Datasheet
187Kb / 8P
   Surface - Mount Ambient Light Sensor
ALS-PD70-01C-TR7 EVERLIGHT-ALS-PD70-01C-TR7_15 Datasheet
422Kb / 7P
   Ambient Light Sensor ??Surface Mount
ALS-PDIC17-55C EVERLIGHT-ALS-PDIC17-55C Datasheet
516Kb / 14P
   Surface - Mount Ambient Light Sensor
ALS-PDIC15-21C EVERLIGHT-ALS-PDIC15-21C Datasheet
509Kb / 14P
   Surface-Mount Ambient Light Sensor
EAALSDIC2012A2 EVERLIGHT-EAALSDIC2012A2 Datasheet
544Kb / 12P
   Ambient Light Sensor ??Surface Mount
EAALSDIC3215A1 EVERLIGHT-EAALSDIC3215A1 Datasheet
770Kb / 12P
   Ambient Light Sensor ??Surface Mount
EAALSDSY6444A0 EVERLIGHT-EAALSDSY6444A0 Datasheet
545Kb / 7P
   Ambient Light Sensor ??Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com